Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76650-0231 Datasheet(PDF) 1 Page - MolexKits

Part # 76650-0231
Description  Plugs, Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

76650-0231 Datasheet(HTML) 1 Page - MolexKits

  76650-0231 Datasheet HTML 1Page - MolexKits 76650-0231 Datasheet HTML 2Page - MolexKits 76650-0231 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet for 76650-0231
General Information
Kit Part Number:
76650-0231
Connector Type:
Wire-to-Wire
Solution:
Power Solutions
Molex Family:
Micro-Fit 3.0™, Mini-Fit Jr.™, Mini-Fit Sr.™, Sabre™
Certificates:
N/A
Country of Origin:
Kit assembled in U.S.A
Specifications
Circuit Size:
2, 3, 4, 6
Current Rating:
12-18A, 23-33A, 3-9A
Mounting Style:
Free-Hanging, Panel Mount
Orientation:
Plugs, Receptacles
Pitch:
10.00mm (.393"), 3.00mm (.118"), 4.20mm (.165"), 7.50mm (.295")
Tool Included:
No
Voltage Rating:
250V, 600V
Wire Gauge (AWG):
12-10, 18-14, 24-18, 24-20
Product Hightlights
The Sabre™ housings provide a lower-cost option to compete with connectors offering a similar voltage and current rating. The Sabre™ system is
a robust, highpower connector, supplying up to 18 amperes per circuit. The Sabre™ power connector system provides design flexibility by
accepting a wide range of wire gauges and insulation thicknesses. The Micro-Fit 3.0™ is a unique interconnect system designed to meet the need
for a high contact density signal or power connector and incorporates many of the features previously found on larger power connectors. These
3.00mm (.118") pitch connectors are the perfect choice when you need compact connectors that carry up to 5 amperes of current. The Mini-Fit
Jr.™ Series is designed for high current/high density applications. The Mini-Fit Jr.™ is appropriate for both power and signal applications as it can
carry currents of up to 9 amps per circuit.
Features and Benefits
• Fully isolated terminals
• Polarized housing assures proper mating
• Four point of contact for reliability
• Low engagement force terminals
• Box-type spring contact for high normal force
• Positive latching to mate, prevents accidental disconnects
• Positive housing locks
• Design Flexibility
Applications
• Power Supplies
• Vending and Gaming
• White Goods
• High End Computer
• Office Equipment
Page 1


Similar Part No. - 76650-0231

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0230 MOLEXKITS-76650-0230 Datasheet
20Kb / 3P
   Receptacles, Vertical Headers
76650-0232 MOLEXKITS-76650-0232 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
76650-0233 MOLEXKITS-76650-0233 Datasheet
21Kb / 3P
   PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
76650-0234 MOLEXKITS-76650-0234 Datasheet
23Kb / 3P
   PCB Through Hole
76650-0235 MOLEXKITS-76650-0235 Datasheet
22Kb / 3P
   PCB Through Hole
More results

Similar Description - 76650-0231

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0229 MOLEXKITS-76650-0229 Datasheet
21Kb / 3P
   Plugs, Receptacles
76650-0232 MOLEXKITS-76650-0232 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
84727-1002 MOLEX2-84727-1002 Datasheet
401Kb / 3P
   Industrial USB Plugs and Receptacles
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
logo
Molex Electronics Ltd.
15040296 MOLEX-15040296 Datasheet
158Kb / 2P
   STRAIN RELIEF FOR MINI-FIT PLUGS AND RECEPTACLES
5556 MOLEX2-5556 Datasheet
875Kb / 2P
   Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Balluff Korea Ltd.
BCC0E53 BALLUFF-BCC0E53 Datasheet
97Kb / 2P
   Receptacles
0.7_2022-07-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com