Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBT3946YPN Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMBT3946YPN
Description  40 V, 200 mA NPN/PNP general-purpose double transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT3946YPN Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMBT3946YPN Datasheet HTML 7Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 8Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 9Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 10Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 11Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 12Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 13Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 14Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
PMBT3946YPN_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 12 May 2009
11 of 15
NXP Semiconductors
PMBT3946YPN
40 V, 200 mA NPN/PNP general-purpose double transistor
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Fig 14. TR2 (PNP): Test circuit for switching times
RC
R2
R1
DUT
mgd624
Vo
RB
(probe)
450
(probe)
450
oscilloscope
oscilloscope
VBB
VI
VCC
Fig 15. Package outline SOT363 (SC-88)
06-03-16
Dimensions in mm
0.25
0.10
0.3
0.2
pin 1
index
1.3
0.65
2.2
2.0
1.35
1.15
2.2
1.8
1.1
0.8
0.45
0.15
13
2
4
65
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
PMBT3946YPN
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165


Similar Part No. - PMBT3946YPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3946YPN NEXPERIA-PMBT3946YPN Datasheet
235Kb / 16P
   40 V, 200 mA NPN/PNP general-purpose double transistor
Rev. 01 - 12 May 2009
More results

Similar Description - PMBT3946YPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3946YPN NEXPERIA-PMBT3946YPN Datasheet
235Kb / 16P
   40 V, 200 mA NPN/PNP general-purpose double transistor
Rev. 01 - 12 May 2009
logo
NXP Semiconductors
PMBT3906YS NXP-PMBT3906YS Datasheet
97Kb / 12P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02-13 May 2009
logo
Nexperia B.V. All right...
PMBT3906YS NEXPERIA-PMBT3906YS Datasheet
212Kb / 13P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02 - 13 May 2009
logo
NXP Semiconductors
PMBT3904YS NXP-PMBT3904YS Datasheet
96Kb / 12P
   40 V, 200 mA NPN/NPN general-purpose double transistor
Rev. 01-12 May 2009
logo
Nexperia B.V. All right...
PMBT3904YS NEXPERIA-PMBT3904YS Datasheet
1Mb / 10P
   40 V, 200 mA NPN/NPN general-purpose double transistor
1 January 2023
PMBT3904YS-Q NEXPERIA-PMBT3904YS-Q Datasheet
243Kb / 10P
   40 V, 200 mA NPN/NPN general-purpose double transistor
28 April 2022
PMP3906AYS NEXPERIA-PMP3906AYS Datasheet
250Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
27 July 2022
PMP3906AYS-Q NEXPERIA-PMP3906AYS-Q Datasheet
251Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
3 August 2022
PMBT3904RA NEXPERIA-PMBT3904RA Datasheet
252Kb / 13P
   40 V, 200 mA double NPN switching transistor
13 September 2018
logo
NXP Semiconductors
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
   40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com