Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JJC0E186MELA Datasheet(PDF) 1 Page - Nichicon corporation

Part # JJC0E186MELA
Description  ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

JJC0E186MELA Datasheet(HTML) 1 Page - Nichicon corporation

  JJC0E186MELA Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRIC DOUBLE LAYER CAPACITORS "EVerCAP "
Item
Performance Characteristics
Note :
The capacitance calculated from discharge time (
∆T) with
constant current ( i ) after 30minuite charge with rated
voltage (2.5V).
The discharge current ( i ) is 0.01
× F (rated capacitance).
A discharge time (
∆T) measured between 2V and 1V with
constant current.
The capacitance calculated bellow.
Capacitance (F) = i
× ∆T
Within ±30% of initial value
Capacitance change
JC
series
Snap-in Terminal Type
Excellent in voltage holding property.
Suitable for quick charge and discharge.
Wild temperature range (25°C to + 60°C).
Adapted to the RoHS directive (2002/95/EC).
Drawing
Type numbering system (Example : 2.5V 150F)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Marking
– 25 to +60°C
2.5V
15 to 150F
See Note
± 20% (20°C)
0.5C (mA) [ C : Rated Capacitance(F) ] (After 30 minutes' application of rated voltage, 2.5V)
Printed with white color letter on black sleeve.
Capacitance (– 25°C) / Capacitance (+20°C)
×100 70%
ESR, DCR
*
Refer to the list below (20°C).
*DC internal resistance
The specifications listed at right shall be met when the capacitors
are restored to 20°C after the rated voltage is applied for 2000 hours
at 60°C.
The specifications listed at right shall be met when the capacitors
are restored to 20°C after storing the capacitors under no load
for 2000 hours at 60°C.
Specifications
(Terminal dimensions)
(PC board hole dimensions)
J
1
J
2
C
3
0
4
E
5
1
6
5
7
7
8
M
9
E
10
L
11
C
12
Configuration
Case dia. code
Rated Capacitance (150F)
Rated voltage (2.5V)
Series name
Type
φD
22
25
30
35
Code
Z
A
B
C
Capacitance tolerance (
±20%)
10±0.1
2-2 φ
1.5
0.8
+0.2
-0.1
+0
.2
-0.1
0.8
+0.2
-0.1
Polarity bar
10
2
4.0
±0.5
Pressure relief vent
±0.1
Sleeve (P.E.T.)
Dimensions
Leakage current
ESR
Less than or equal to the initial specified value
300% or less of initial specified value
Capacitance change
Leakage current
ESR
Within ±30% of initial value
Less than or equal to the initial specified value
300% or less of initial specified value
15
18
22
27
33
39
47
56
68
82
100
120
150
2.5V
(0E)
156
186
226
276
336
396
476
566
686
826
107
127
157
120
120
90
90
80
80
70
70
60
60
50
50
40
500
400
300
250
200
200
160
140
110
100
90
70
60
Cap.
( F )
Rated
Voltage
( code )
ESR(m
Ω)
(at 1kHz )
DCR(m
Ω)
Cap.
code
22
×20
22
×30
22
×35
22
×40
φ 22 (Z)
Case size
φ D × L (mm)
25
×20
25
×30
25
×30
25
×35
25
×40
25
×50
φ 25 (A)
30
×20
30
×20
30
×30
30
×40
30
×50
φ 30 (B)
35
×20
35
×20
35
×30
35
×35
35
×40
35
×50
φ 35 (C)
CAT.8100X


Similar Part No. - JJC0E186MELA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJCOE107MEL NICHICON-JJCOE107MEL Datasheet
62Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE127MEL NICHICON-JJCOE127MEL Datasheet
62Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE156MEL NICHICON-JJCOE156MEL Datasheet
62Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE157MEL NICHICON-JJCOE157MEL Datasheet
62Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE186MEL NICHICON-JJCOE186MEL Datasheet
62Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results

Similar Description - JJC0E186MELA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JUMT1106MHD NICHICON-JUMT1106MHD Datasheet
53Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJD NICHICON-JJD Datasheet
106Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJL NICHICON-JJL Datasheet
109Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com