Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39531-1003 Datasheet(PDF) 3 Page - MolexKits

Part # 39531-1003
Description  PCB Header, PCB Through Hole, Screw Mounted, Vertical PCB Block
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

39531-1003 Datasheet(HTML) 3 Page - MolexKits

  39531-1003 Datasheet HTML 1Page - MolexKits 39531-1003 Datasheet HTML 2Page - MolexKits 39531-1003 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bill of Materials
Molex Part No.
Description
Quantity
39531-1002
2-Way 5.08mm (.200") ESE Vertical Header Terminal Block
3
39100-0804
4 Circuit, 8.00mm (.315") Eurostyle™ PCB, White Terminal Strip
3
39531-1004
4-Way 5.08mm (.200") ESE Vertical Header Terminal Block
3
39533-2003
3-Way 5.08mm (.200") ESE Vertical Plug Terminal Block
3
39544-3002
2 Circuit, Vertical Mount PCB Terminal Block
3
39970-0102
2 Circuit, 10.16mm (.400") Beau™ Eurostyle™ Fixed Mount, PCB Terminal Block, 60A
2
39970-0104
4 Circuit, 10.16mm (.400") Beau™ Eurostyle™ Fixed Mount, PCB Terminal Block, 60A
1
39544-3003
3 Circuit, Vertical Mount PCB Terminal Block
3
39531-1003
3-Way 5.08mm (.200") ESE Vertical Header Terminal Block
3
39533-2002
2-Way 5.08mm (.200") ESE Vertical Plug Terminal Block
3
39533-2004
4-Way 5.08mm (.200") ESE Vertical Plug Terminal Block
3
39544-3004
4 Circuit, Vertical Mount PCB Terminal Block
3
39970-0103
3 Circuit, 10.16mm (.400") Beau™Eurostyle™ Fixed Mount, PCB Terminal Block, 60A
1
39100-0803
3 Circuit, 8.00mm (.315") Eurostyle™ PCB, White Terminal Strip
3
38780-0102
11.1mm (.438") Pitch Beau™ Double Row Barrier Strip, 2 Circuits
2
38780-0103
11.1mm (.438") Pitch Beau™ Double Row Barrier Strip, 3 Circuits
1
38780-0104
11.1mm (.438") Pitch Beau™ Double Row Barrier Strip, 4 Circuits
1
Recommended Molex Tool
Molex Part No.
Descripition
Page 3


Similar Part No. - 39531-1003

ManufacturerPart #DatasheetDescription
logo
MolexKits
39531-1003 MOLEXKITS-39531-1003 Datasheet
38Kb / 2P
   Pluggable PCB Vertical and Horizontal Header and Plug
logo
Molex Electronics Ltd.
39531-1003 MOLEX11-39531-1003 Datasheet
41Kb / 1P
   5.08mm Pitch Eurostyle Vertical PCB Header, 3 Circuits
More results

Similar Description - 39531-1003

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2211S-03G ETC2-2211S-03G Datasheet
127Kb / 1P
   PCB Through Hole Header - Single Row Vertical
logo
Ohmite Mfg. Co.
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
SINK-E OHMITE-SINK-E Datasheet
711Kb / 2P
   Vertical through-hole PCB mounting
logo
MolexKits
76650-0234 MOLEXKITS-76650-0234 Datasheet
23Kb / 3P
   PCB Through Hole
76650-0235 MOLEXKITS-76650-0235 Datasheet
22Kb / 3P
   PCB Through Hole
logo
Adam Technologies, Inc.
EBW-XX-A ADAM-TECH-EBW-XX-A Datasheet
70Kb / 1P
   TERMINAL BLOCK PCB VERTICAL
EBW-XX-B ADAM-TECH-EBW-XX-B Datasheet
112Kb / 1P
   TERMINAL BLOCK PCB VERTICAL
logo
WECO ELECTRICAL CONNECT...
181-A-121 WECO-181-A-121 Datasheet
106Kb / 1P
   PCB connector Screw connection, wire entrance vertical to PCB
07.11
931 WECO-931 Datasheet
60Kb / 1P
   PCB connector Screw connection, wire entrance vertical to PCB
02.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com