Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMBTA13 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBTA13
Description  NPN Darlington transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBTA13 Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBTA13 Datasheet HTML 1Page - NXP Semiconductors PMBTA13 Datasheet HTML 2Page - NXP Semiconductors PMBTA13 Datasheet HTML 3Page - NXP Semiconductors PMBTA13 Datasheet HTML 4Page - NXP Semiconductors PMBTA13 Datasheet HTML 5Page - NXP Semiconductors PMBTA13 Datasheet HTML 6Page - NXP Semiconductors PMBTA13 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Jan 22
4
NXP Semiconductors
Product data sheet
NPN Darlington transistors
PMBTA13; PMBTA14
Fig.2 DC current gain; typical values.
handbook, full pagewidth
0
60000
80000
20000
40000
MGD837
10−1
1
IC (mA)
hFE
10
102
103
VCE = 2 V.


Similar Part No. - PMBTA13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
   NPN Darlington transistors
1999 Apr 29
logo
Nexperia B.V. All right...
PMBTA13 NEXPERIA-PMBTA13 Datasheet
290Kb / 8P
   NPN Darlington transistors
2004 Jan 22
More results

Similar Description - PMBTA13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPSA26 PHILIPS-MPSA26 Datasheet
43Kb / 8P
   NPN Darlington transistors
1999 Apr 27
PMBTA13 PHILIPS-PMBTA13 Datasheet
55Kb / 8P
   NPN Darlington transistors
1999 Apr 29
logo
SEMTECH ELECTRONICS LTD...
BCV27 SEMTECH_ELEC-BCV27 Datasheet
131Kb / 2P
   NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 NXP-BCV29 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
BSP50 NXP-BSP50 Datasheet
126Kb / 7P
   NPN Darlington transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BCV29 NEXPERIA-BCV29_49 Datasheet
123Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
NXP Semiconductors
BC875 NXP-BC875_04 Datasheet
60Kb / 7P
   NPN Darlington transistors
2004 Nov 05
logo
Microsemi Corporation
PTC401P MICROSEMI-PTC401P Datasheet
344Kb / 3P
   NPN Darlington Transistors
logo
NXP Semiconductors
BCV29 PHILIPS-BCV29_15 Datasheet
124Kb / 8P
   NPN Darlington transistors
2004 Dec 06
logo
SHIKUES Electronics
BCV47 SKTECHNOLGY-BCV47 Datasheet
916Kb / 2P
   NPN Darlington Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com