Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-04-1041 Datasheet(PDF) 3 Page - MolexKits

Part # 22-04-1041
Description  Receptacles, Vertical Headers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

22-04-1041 Datasheet(HTML) 3 Page - MolexKits

  22-04-1041 Datasheet HTML 1Page - MolexKits 22-04-1041 Datasheet HTML 2Page - MolexKits 22-04-1041 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bill of Materials
Molex Part No.
Description
Quantity
50212-8100
Micro-Latch™ Female Crimp Terminal, 30-24 AWG
50
51065-0300
2.00mm (.079") Pitch Micro-Latch™ Receptacle, 3 Circuits
5
51065-0400
2.00mm (.079") Pitch Micro-Latch™ Receptacle, 4 Circuits
5
51065-0600
2.00mm (.079") Pitch Micro-Latch™ Receptacle 6 Circuits
5
51065-0800
2.00mm (.079") Pitch Micro-Latch™ Receptacle, 8 Circuits
0
53253-0370
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 3 Circuits
5
53253-0470
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 4 Circuits
5
53253-0670
2.00mm (.079") Pitch Micro-Latch™ Vertical Header, 6 Circuits
5
50802-9101
Mini-Latch™ Female Crimp Terminal, 28-22 AWG
50
51103-0300
2.50mm (.098") Pitch, Mini-Lock™ Receptacle, 3 Circuits
5
51103-0400
2.50mm (.098") Pitch, Mini-Lock™ Receptacle, 4 Circuits
5
51103-0600
2.50mm (.098") Pitch Mini-Lock™ Receptacle, 6 Circuits
5
53375-0310
2.50mm (.098") Pitch, Mini-Lock™ Vertical Header, 3 Circuits
5
53375-0410
2.50mm (.098") Pitch, Mini-Lock™ Vertical Header, 4 Circuits
5
53375-0610
2.50mm (.098") Pitch Mini-Lock™ Vertical Header, 6 Circuits
5
50351-8100
Mini-Lock™ Female CrimpTerminal, 28-22 AWG
50
51191-0300
2.50mm (.098") Pitch Mini-Latch™ Receptacle, 3 Circuits
5
51191-0400
2.50mm (.098") Pitch Mini-Latch™ Receptacle, 4 Circuits
5
51191-0600
2.50mm (.098") Pitch Mini-Latch™ Receptacle, 6 Circuits
5
22-04-1031
2.50mm (.098") Pitch Vertical Header, 3 Circuits
5
22-04-1041
2.50mm (.098") Pitch Vertical Header, 4 Circuits
5
22-04-1061
2.50mm (.098") Pitch Vertical Header, 6 Circuits
5
Recommended Molex Tool
Molex Part No.
Descripition
Page 3


Similar Part No. - 22-04-1041

ManufacturerPart #DatasheetDescription
logo
MolexKits
22-04-1041 MOLEXKITS-22-04-1041 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
22-04-1041 MOLEXKITS-22-04-1041 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
22-04-1041 MOLEXKITS-22-04-1041 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
22-04-1041 MOLEX2-22-04-1041 Datasheet
106Kb / 3P
   2.50mm (.098) Pitch Wire-to-Board KK짰 Header, Vertical, with Friction Ramp, 4 Circuits, Tin (Sn) Plating
22-04-1041 MOLEX11-22-04-1041 Datasheet
37Kb / 2P
   Mini-Latch??Wire-to-Board Header, Vertical, with Friction Ramp, 4 Circuits, Tin (Sn) Plating
More results

Similar Description - 22-04-1041

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
MolexKits
76650-0232 MOLEXKITS-76650-0232 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
46207-0004 MOLEX-46207-0004 Datasheet
190Kb / 2P
   Mini-Fit RTC??Vertical Headers
logo
Major League Electronic...
TTSHSM-5-DV MAJOR-LEAGUE-TTSHSM-5-DV Datasheet
95Kb / 2P
   Thicker Terminal Strip Headers - Vertical
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Tyco Electronics
440054-2 MACOM-440054-2 Datasheet
443Kb / 5P
   2.0 MM PITCH HPI VERTICAL POST HEADERS
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com