Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

40012000000 Datasheet(PDF) 2 Page - Littelfuse

Part # 40012000000
Description  Subminiature Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

40012000000 Datasheet(HTML) 2 Page - Littelfuse

  40012000000 Datasheet HTML 1Page - Littelfuse 40012000000 Datasheet HTML 2Page - Littelfuse 40012000000 Datasheet HTML 3Page - Littelfuse 40012000000 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Introduction to Circuit Protection
Introduction to Circuit Protection
Transientology
2
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Subminiature Fuses
400 Series
TE5® > Time-Lag > 400 Series
Please refer to www.littelfuse.com/series/400.html for current information.
Average Time Current Curves
Temperature Rerating Curve
Soldering Parameters - Wave Soldering
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Preheat Time
Cooling Time
Dwell Time
Wave Parameter
Lead-Free Recommendation
Preheat:
100
° C
150
° C
Solder PotTemperature:
260
°
Solder DwellTime:
Recommended Hand-Solder Parameters:
Note: These devices are not recommended for IR or
Convection Reflow process.
Recommended Process Parameters:
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
AMBIENT TEMPERATURE (°C)
23°C
0.001
0.01
0.1
1
10
100
0
1
10
100
1000
CURRENT IN AMPERES


Similar Part No. - 40012000000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
40012000000 LITTELFUSE-40012000000 Datasheet
999Kb / 3P
   Radial Lead Fuses
More results

Similar Description - 40012000000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR-5F ETC2-SR-5F Datasheet
406Kb / 3P
   Subminiature Fuses
logo
Schurter Inc.
FWF SCHURTER-FWF Datasheet
163Kb / 3P
   Subminiature Fuses
logo
Littelfuse
374 LITTELFUSE-374 Datasheet
93Kb / 2P
   SUBMINIATURE FUSES
384 LITTELFUSE-384 Datasheet
62Kb / 2P
   SUBMINIATURE FUSES
392 LITTELFUSE-392 Datasheet
135Kb / 2P
   SUBMINIATURE FUSES
370 LITTELFUSE-370 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
395 LITTELFUSE-395 Datasheet
91Kb / 2P
   SUBMINIATURE FUSES
3970350000 LITTELFUSE-3970350000 Datasheet
94Kb / 2P
   SUBMINIATURE FUSES
808 LITTELFUSE-808 Datasheet
189Kb / 4P
   Subminiature Fuses
logo
Cooper Bussmann, Inc.
SS-5F-2A-AP COOPER-SS-5F-2A-AP Datasheet
2Mb / 3P
   Subminiature Fuses
logo
List of Unclassifed Man...
SS-5 ETC2-SS-5 Datasheet
531Kb / 3P
   Subminiature Fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com