Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCL260H5 Datasheet(PDF) 9 Page - Zetex Semiconductors

Part # ZXCL260H5
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL260H5 Datasheet(HTML) 9 Page - Zetex Semiconductors

Back Button ZXCL260H5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 9Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 10Page - Zetex Semiconductors ZXCL260H5 Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
APPLICATIONS INFORMATION (Cont)
Power Dissipation
The maximum allowable power dissipation of the
device for normal operation (Pmax), is a function of the
package junction to ambient thermal resistance (
θja),
maximum junction temperature (Tjmax), and ambient
temperature (Tamb), according to the expression:
Pmax = (Tjmax – Tamb) /
θja
The maximum output current (Imax) at a given value of
Input voltage (VIN) and output voltage (VOUT) is then
given by
Imax = Pmax / (VIN - VOUT )
The value of
θja is strongly dependent upon the type of
PC board used. Using the SC70 package it will range
from approximately 280 °C/W for a multi-layer board to
around 450°C/W for a single sided board. It will range
from 180°C/W to 300°C/W for the SOT23-5 package. To
avoid entering the thermal shutdown state, Tjmax
should be assumed to be 125°C and Imax less than the
over-current limit,(IOLIM). Power derating for the SC70
and SOT23-5 packages is shown in the following
graph.
Capacitor Selection and Regulator Stability
The device is designed to operate with all types of
output capacitor, including tantalum and low ESR
ceramic. For stability over the full operating range from
no load to maximum load, an output capacitor with a
minimum value of 1
µF is recommended, although this
can be increased without limit to improve load
transient performance. Higher values of output
capacitor will also reduce output noise. Capacitors with
ESR less than 0.5
Ω are recommended for best results.
An input capacitor of 1
µF (ceramic or tantalum) is
recommended to filter supply noise at the device input
and will improve ripple rejection.
The input and output capacitors should be positioned
close to the device, and a ground plane board layout
should be used to minimise the effects of parasitic track
resistance.
Dropout Voltage
The output pass transistor is a large PMOS device,
which acts like a resistor when the regulator enters the
dropout region. The dropout voltage is therefore
proportional to output current as shown in the typical
characteristics.
Ground Current
The use of a PMOS device ensures a low value of
ground current under all conditions including dropout,
start-up and maximum load.
Power Supply Rejection and Load
Transient Response
Line and Load transient response graphs are shown in
the typical characteristics.
These show both the DC and dynamic shift in the
output voltage with step changes of input voltage and
load current, and how this is affected by the output
capacitor.
If improved transient response is required, then an
output capacitor with lower ESR value should be used.
Larger capacitors will reduce over/undershoot, but will
increase the settling time. Best results are obtained
using a ground plane layout to minimise board
parasitics.
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
9
-40
-20
0
20406080
100
0
100
200
300
400
500
SOT23
SC70
Derating Curve
Temperature (°C)
ISSUE 5 - NOVEMBER 2001


Similar Part No. - ZXCL260H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL260H5 ZETEX-ZXCL260H5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL260H5TA DIODES-ZXCL260H5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL260H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com