Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXF36L01W24 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXF36L01W24
Description  VARIABLE Q FILTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXF36L01W24 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXF36L01W24 Datasheet HTML 1Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 2Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 3Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 4Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 5Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 6Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 7Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 8Page - Zetex Semiconductors ZXF36L01W24 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ZXF36L01
ISSUE 3 - JANUARY 2002
1
VARIABLE Q FILTER
DESCRIPTION
The ZXF36L01 is a versatile analog high Q bandpass
filter. The device contains two sections:
1
Variable Q bandpass filter.
2
Mixer block.
The basic filter section requires 2 resistors and 2
capacitors to set the centre frequency.
The filter
operates up to a frequency of 150kHz.
Two external
resistors control filter Q Factor. The Q can be varied up
to 50.
The mixer is included to extend the frequency range up
to 700kHz and to permit the centre frequency to be
tuned.
The local oscillator can be any waveform,
making microprocessor control convenient.
APPLICATIONS
Many filter applications including: -
• Audio bandpass and notch
• Micro controlled frequency
• Adaptive filtering
• Sonar and Ultrasonic Systems
• Instrumentation
FEATURES AND BENEFITS
• Centre Frequency up to 700kHz
• Tuneable centre frequency
• Variable Q
• Low power
• Standby mode for improved battery life
SYSTEM DIAGRAM
PART NUMBER
PACKAGE
PART
MARK
ZXF36L01W24
SO24W
ZXF36L01
ORDERING INFORMATION
PART NUMBER
CONTAINER
INCREMENT
ZXF36L01W24TC
Reel 13”
330mm
1000
ZXF36L01W24
Tube
31


Similar Part No. - ZXF36L01W24

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXF103 ZETEX-ZXF103 Datasheet
302Kb / 9P
   VARIABLE Q FILTER
ZXF103Q16 ZETEX-ZXF103Q16 Datasheet
302Kb / 9P
   VARIABLE Q FILTER
ZXF103Q16TA ZETEX-ZXF103Q16TA Datasheet
302Kb / 9P
   VARIABLE Q FILTER
ZXF103Q16TC ZETEX-ZXF103Q16TC Datasheet
302Kb / 9P
   VARIABLE Q FILTER
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
   4 Channel Buffer Device
More results

Similar Description - ZXF36L01W24

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXF103 ZETEX-ZXF103 Datasheet
302Kb / 9P
   VARIABLE Q FILTER
logo
New Jersey Semi-Conduct...
1N5461 NJSEMI-1N5461 Datasheet
88Kb / 1P
   HIGH Q - VOLTAGE VARIABLE CAPACITORS
logo
Diodes Incorporated
ZXFV4583 DIODES-ZXFV4583 Datasheet
217Kb / 14P
   SYNC SEPARATOR WITH VARIABLE FILTER
logo
Zetex Semiconductors
ZXFV401 ZETEX-ZXFV401 Datasheet
117Kb / 8P
   SYNC SEPARATOR WITH VARIABLE FILTER
ZXFV4583 ZETEX-ZXFV4583 Datasheet
212Kb / 14P
   SYNC SEPARATOR WITH VARIABLE FILTER
logo
List of Unclassifed Man...
CEM3350 ETC2-CEM3350 Datasheet
224Kb / 2P
   Dual Voltage Controlled State Variable Filter
logo
JSC ALFA.
AS3350 ALFA-AS3350 Datasheet
287Kb / 2P
   Dual Voltage Controlled State Variable Filter
logo
Schneider Electric
ATV61HC25Y SCHNEIDER-ATV61HC25Y Datasheet
101Kb / 5P
   variable speed drive ATV61 - 250kW - 690V - without EMC filter
Aug 9, 2019
ATV61HC31Y SCHNEIDER-ATV61HC31Y Datasheet
101Kb / 5P
   variable speed drive ATV61 - 310kW - 690V - without EMC filter
Aug 9, 2019
ATV71HC31Y SCHNEIDER-ATV71HC31Y Datasheet
240Kb / 14P
   variable speed drive ATV71 - 315kW - 690V - EMC filter-graphic terminal
Aug 9, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com