Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53375-0210 Datasheet(PDF) 3 Page - MolexKits

Part # 53375-0210
Description  PCB Through Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

53375-0210 Datasheet(HTML) 3 Page - MolexKits

  53375-0210 Datasheet HTML 1Page - MolexKits 53375-0210 Datasheet HTML 2Page - MolexKits 53375-0210 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bill of Materials
Molex Part No.
Description
Quantity
501647-1100
iGrid™ Female Crimp Terminal, 26-22 AWG
100
501645-1020
2.00mm (.079") Pitch iGrid™ Vertical Header, Dual Row, 10 Circuits
2
501645-1220
2.00mm (.079") Pitch iGrid™ Vertical Header, Dual Row, 12 Circuits
2
501645-1420
2.00mm (.079") Pitch iGrid™ Vertical Header, Dual Row, 14 Circuits
2
501646-1000
2.00mm (.079") Pitch iGrid™ Receptacle, Dual Row, 10 Circuits
2
501646-1200
2.00mm (.079") Pitch iGrid™ Receptacle, Dual Row, 12 Circuits
2
501646-1400
2.00mm (.079") Pitch iGrid™ Receptacle, Dual Row, 14 Circuits
2
50212-8100
Micro-Latch™ Female Crimp Terminal, 30-24 AWG
100
35362-0250
2.00mm (.079") Pitch Sherlock™ 2 Circuit Vertical Header
2
35362-0350
2.00mm (.079") Pitch Sherlock™ 3 Circuit Vertical Header
2
35362-0450
2.00mm (.079") Pitch Sherlock™ 4 Circuit Vertical Header
2
35507-0200
2.00mm (.079") Pitch Sherlock™ 2 Circuit Receptacle Housing
2
35507-0300
2.00mm (.079") Pitch, Sherlock™ 3 Circuit, Receptacle Housing
2
35507-0400
2.00mm (.079") Pitch, Sherlock™ 4 Circuit, Receptacle Housing
2
50351-8100
Mini-Lock™ Female CrimpTerminal, 28-22 AWG
100
51103-0200
2.50mm (.098") Pitch, Mini-Lock™ Receptacle, 2 Circuits
2
51103-0300
2.50mm (.098") Pitch, Mini-Lock™ Receptacle, 3 Circuits
2
51103-0400
2.50mm (.098") Pitch, Mini-Lock™ Receptacle, 4 Circuits
2
53375-0210
2.50mm (.098") Pitch, Mini-Lock™ Vertical Header, 2 Circuits
2
53375-0310
2.50mm (.098") Pitch, Mini-Lock™ Vertical Header, 3 Circuits
2
53375-0410
2.50mm (.098") Pitch, Mini-Lock™ Vertical Header, 4 Circuits
2
502381-0000
CLIK-Mate™ Male Terminal for 1.25mm (.049") Pitch
100
502380-0200
1.25mm (.049") Pitch, 2 Circuit CLIK-Mate™ Plug
2
502380-0300
1.25mm (.049") Pitch, 3 Circuit CLIK-Mate™ Plug
2
502380-0400
1.25mm (.049") Pitch, 4 Circuit CLIK-Mate™ Plug
2
502382-0270
1.25mm (.049") Pitch, 2 Circuit CLIK-Mate™ Vertical Receptacle
2
502382-0370
1.25mm (.049") Pitch, 3 Circuit CLIK-Mate™ Vertical Receptacle
2
502382-0470
1.25mm (.049") Pitch, 4 Circuit CLIK-Mate™ Vertical Receptacle
2
Recommended Molex Tool
Molex Part No.
Descripition
Page 3


Similar Part No. - 53375-0210

ManufacturerPart #DatasheetDescription
logo
MolexKits
53375-0210 MOLEXKITS-53375-0210 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
53375-0210 MOLEXKITS-53375-0210 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical Header and Receptacle
logo
Molex Electronics Ltd.
53375-0210 MOLEX7-53375-0210 Datasheet
208Kb / 4P
   2.50mm (.098") Pitch Mini-Lock??Wire-to-Board Header, Vertical, Friction and Positive Lock, 2 Circuits, Lead-free
More results

Similar Description - 53375-0210

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0234 MOLEXKITS-76650-0234 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Ohmite Mfg. Co.
E-SERIES OHMITE-E-SERIES Datasheet
275Kb / 1P
   Vertical through-hole PCB mounting
EX-SERIES OHMITE-EX-SERIES Datasheet
426Kb / 2P
   Vertical through-hole PCB mounting
logo
C&K Components
MDMDP CK-COMPONENTS-MDMDP Datasheet
239Kb / 2P
   TERMINALS: Through hole PCB terminations
logo
Ohmite Mfg. Co.
SINK-E OHMITE-SINK-E Datasheet
711Kb / 2P
   Vertical through-hole PCB mounting
logo
Linx Technologies
CONSMP001-G-T LINX-CONSMP001-G-T Datasheet
533Kb / 6P
   SMP Plug PCB Through-Hole Connector
2021
CONSMB001-1-G LINX-CONSMB001-1-G Datasheet
1Mb / 6P
   SMB Jack PCB Through Hole Connector
2020
CONSMP001-1 LINX-CONSMP001-1 Datasheet
703Kb / 6P
   SMP Plug PCB Through-Hole Connector
2021
CONSMB001-G LINX-CONSMB001-G Datasheet
1Mb / 6P
   SMB Jack PCB Through Hole Connector
2020
CONSMB002-G LINX-CONSMB002-G Datasheet
1Mb / 6P
   SMB Jack PCB Through Hole Connector
2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com