Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28117FBBZ-T13 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL28117FBBZ-T13
Description  40V Precision Low Power Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28117FBBZ-T13 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL28117FBBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL28117FBBZ-T13 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
April 13, 2010
FN6632.4
FIGURE 9. IB+ RANGE vs TEMPERATURE
FIGURE 10. TCIB+ vs NUMBER OF AMPLIFIERS
FIGURE 11. IB- RANGE vs TEMPERATURE
FIGURE 12. TCIB- vs NUMBER OF AMPLIFIERS
FIGURE 13. IB+ RANGE vs TEMPERATURE
FIGURE 14. IBTC+ vs NUMBER OF AMPLIFIERS
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, unless otherwise
specified. (Continued)
VS = ± 15V
-500
-400
-300
-200
-100
0
100
200
300
400
500
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
0
10
20
30
40
50
60
70
-3.5 -2.5 -1.5 -0.5
0.5
1.5
2.5
3.5 MORE
IB+TC (pA/°C)
VS = ± 15V
-500
-400
-300
-200
-100
0
100
200
300
400
500
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±15V
0
10
20
30
40
50
60
70
-3.5 -2.5 -1.5 -0.5
0.5
1.5
2.5
3.5
IB-TC (pA/°C)
VS = ± 5V
-500
-400
-300
-200
-100
0
100
200
300
400
500
-50
0
50
100
150
TEMPERATURE (°C)
VS = ±5V
0
10
20
30
40
50
60
70
80
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
IB+TC(pA/°C)
ISL28117, ISL28217


Similar Part No. - ISL28117FBBZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
More results

Similar Description - ISL28117FBBZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL28117_1110 INTERSIL-ISL28117_1110 Datasheet
1Mb / 33P
   40V Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL28117 RENESAS-ISL28117 Datasheet
2Mb / 39P
   40V Precision Low Power Operational Amplifiers
logo
Intersil Corporation
ISL28117 INTERSIL-ISL28117 Datasheet
844Kb / 18P
   40V Precision Low Power Operational Amplifiers
ISL28117 INTERSIL-ISL28117_11 Datasheet
1Mb / 32P
   40V Precision Low Power Operational Amplifiers
ISL28117FBBZ INTERSIL-ISL28117FBBZ Datasheet
1Mb / 34P
   40V Precision Low Power Operational Amplifiers
November 30, 2012
ISL70417SEH INTERSIL-ISL70417SEH Datasheet
1Mb / 22P
   Rad Hard 40V Quad Precision Low Power Operational Amplifiers
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
logo
Intersil Corporation
ISL28108_1107 INTERSIL-ISL28108_1107 Datasheet
1Mb / 26P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
ISL28108_1111 INTERSIL-ISL28108_1111 Datasheet
1Mb / 32P
   40V Precision Single Supply Rail-Rail Output Low Power Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com