Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F25J50 Datasheet(PDF) 4 Page - Microchip Technology

Part # PIC18F25J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F25J50 Datasheet(HTML) 4 Page - Microchip Technology

  PIC18F25J50 Datasheet HTML 1Page - Microchip Technology PIC18F25J50 Datasheet HTML 2Page - Microchip Technology PIC18F25J50 Datasheet HTML 3Page - Microchip Technology PIC18F25J50 Datasheet HTML 4Page - Microchip Technology PIC18F25J50 Datasheet HTML 5Page - Microchip Technology PIC18F25J50 Datasheet HTML 6Page - Microchip Technology PIC18F25J50 Datasheet HTML 7Page - Microchip Technology PIC18F25J50 Datasheet HTML 8Page - Microchip Technology PIC18F25J50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PIC18F46J50 FAMILY
DS80436C-page 4
 2010 Microchip Technology Inc.
3. Module: Enhanced Universal
Synchronous Asynchronous
Receiver Transmitter (EUSART)
In rare situations, when interrupts are enabled,
unexpected results may occur if:
• The EUSART is disabled (the SPEN bit,
RCSTAx<7> = 0)
• The EUSART is re-enabled (RCSTAx<7> = 1)
• A two-cycle instruction is executed immediately
after setting SPEN = 1
Work around
Add a 2 TCY delay after any instruction that re-
enables the EUSART module (sets SPEN = 1).
Refer to Example 1.
EXAMPLE 1:
RE-ENABLING A EUSART MODULE
Affected Silicon Revisions
;Initial conditions: SPEN = 0 (module disabled)
;To re-enable the module:
;Re-Initialize TXSTAx, BAUDCONx, SPBRGx, SPBRGHx registers (if needed)
;Re-Initialize RCSTAx register (if needed), but do not set SPEN = 1 yet
;Now enable the module, but add a 2-Tcy delay before executing any two-cycle
;instructions
bsf
RCSTA1, SPEN
;or RCSTA2 if EUSART2
nop
;1 Tcy delay
nop
;1 Tcy delay (two total)
;CPU may now execute 2 cycle instructions
A2
A4
X
X


Similar Part No. - PIC18F25J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F25J50 MICROCHIP-PIC18F25J50 Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
2011
PIC18F25J50I/MLQTP MICROCHIP-PIC18F25J50I/MLQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F25J50I/MLSQTP MICROCHIP-PIC18F25J50I/MLSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F25J50I/PTQTP MICROCHIP-PIC18F25J50I/PTQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F25J50I/PTSQTP MICROCHIP-PIC18F25J50I/PTSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
More results

Similar Description - PIC18F25J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com