Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-240H-24B Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-240H-24B
Description  240W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-240H-24B Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-240H-24B Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-240H-24B Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-240H-24B Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-240H-24B Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-240H-24B Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-240H-24B Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3.75KVACI/P-FG:1.88KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
CONSTANTCURRENTREGION Note.4
HLG-240H-12 A
A : IP65 rated. Output voltage and constant current level can be adjusted through internal potential meter.
B : IP67 rated. Constant current level adjustable through output cable.
C : Terminal block for I/O connection. Output voltage and constant current level can be adjusted through internal
potential meter.
SPECIFICATION
MODEL
DCVOLTAGE
RATEDCURRENT
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE Note.6
CURRENT ADJ.RANGE
LINEREGULATION
LOADREGULATION
Note.8
SETUP,RISETIME
Note.9
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
POWERFACTOR
EFFICIENCY (Typ.)
ACCURRENT
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.7
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERCURRENT
Note.4
OVERVOLTAGE
OVERTEMPERATURE
Canbeadjusted byinternalpotentialmeterorthroughoutputcable
2500ms,80ms atfullload230VAC/115VAC
15ms atfullload230VAC/115VAC
90~305VAC127~431VDC
47~63Hz
PF0.95/230VACPF
0.98/115VACatfullloadandratedoutputvoltage
PF
0.9at65~100%load
4A /115VAC2A /230VAC
COLDSTART 75A/230VAC
<0.75mA /277VAC
95~108%
Protectiontype:Constantcurrentlimiting,recoversautomaticallyafterfaultconditionisremoved
Complianceto EN55015,EN55022(CISPR22)ClassB
CompliancetoEN61000-3-2ClassC(
50%load);EN61000-3-3
CompliancetoEN61000-4-2,3,4,5,6,8,11;ENV50204,EN61547,EN55024,heavyindustrylevel(surge4KV),criteria A
-30~+60
@fullload ;+70
@60%load(Refertoderatingcurve)
20~95%RH non-condensing
-40~+80
,10~95%RH
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
207.9Khrsmin.MIL-HDBK-217F(25
)
244.2*68*38.8mm(L*W*H)(HLG-240H-Blank/A/B)251*68*38.8mm(L*W*H)(HLG-240H-C)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
5. Derating may be needed under low input voltages. Please check the
for more details.
6. Type A and type C only.
7. Safety and EMC design refer to EN60598-1, subject 8750(UL), CNS15233, GB7000.1, FCC part18.
8. Length of set up time is measured at cold first start. Turning ON/OFF the power supply may lead to increase of the set up time.
9. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
static characteristics
1.3Kg;12pcs/16.6Kg/0.74CUFT(HLG-240-Blank/A/B)
1.23Kg;12pcs/15.8Kg/1.16CUFT(HLG-240-C)
Protectiontype: Shutdownandlatchoffo/pvoltage,re-powerontorecover
240WSingleOutputSwitchingPowerSupply
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Overload / Over voltage / Over temperature
Cooling by free air convection
OCP point adjustable through output cable or internal potential meter
Suitable for LED lighting and moving sign applications
IP67 / IP65 design for indoor or outdoor installations
Compliance to worldwide safety regulations for lighting
3 years warranty
Suitable for dry / damp / wet locations
Features :
H L G - 2 4 0 H series
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
ENVIRONMENT
EMICONDUCTION&RADIATION
SAFETY &
EMC
PROTECTION
105
5
(TSW1)
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
F
110
SELV
IP65 IP67
SHORTCIRCUIT
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved.
Blank : IP67 rated. Cable for I/O connection.
UL1012, TUVEN61347-1,EN61347-2-13independent(exceptforHLG-240HCtype),UL60950-1,UL8750, TUVEN60950-1,IP65orIP67approved
13.5~16V
16.5~19.5V 22~26V
26~33V
32.5~36.5V 40~48V
53~62V
46~50V
59~65V
90%
90%
92%
93%
93%
93%
93.5%
93%
94%
2.5%
8~16A
2.0%
7.5~15A
1.0%
6~12A
1.0%
5~10A
1.0%
4~8A
1.0%
3.3~6.7A
1.0%
2.5~5A
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
0.5%
2.0%
1.5%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
2.23~4.45A
0.5%
0.5%
1.0%
2.86~5.72A
0.5%
0.5%
HLG-240H-12
HLG-240H-15
HLG-240H-20
HLG-240H-24
HLG-240H-30
HLG-240H-36
HLG-240H-48
12V
6~12V
15V
7.5~15V
20V
10~20V
24V
12~24V
30V
15~30V
36V
18~36V
48V
24~48V
16A
15A
12A
10A
8A
6.7A
5A
192W
225W
240W
240W
240W
241.2W
240W
150mVp-p
150mVp-p
14~16V
150mVp-p
18.6~21.4V
150mVp-p
22.4~25.6V
200mVp-p
28~32V
250mVp-p
33.5~38.5V
250mVp-p
44.8~51.2V
11.2~12.8V
HLG-240H-54
54V
27~54V
4.45A
240.3W
350mVp-p
50~57V
HLG-240H-42
42V
21~42V
5.72A
240.2W
250mVp-p
39~45V
95
5
(TSW1)


Similar Part No. - HLG-240H-24B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240H-24 MEANWELL-HLG-240H-24 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-24 MEANWELL-HLG-240H-24 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
More results

Similar Description - HLG-240H-24B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HBG-240 MEANWELL-HBG-240 Datasheet
3Mb / 4P
   240W Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com