Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF45J50 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC18LF45J50
Description  PIC18F46J50 Family Silicon Errata and Data Sheet Clarification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF45J50 Datasheet(HTML) 2 Page - Microchip Technology

  PIC18LF45J50 Datasheet HTML 1Page - Microchip Technology PIC18LF45J50 Datasheet HTML 2Page - Microchip Technology PIC18LF45J50 Datasheet HTML 3Page - Microchip Technology PIC18LF45J50 Datasheet HTML 4Page - Microchip Technology PIC18LF45J50 Datasheet HTML 5Page - Microchip Technology PIC18LF45J50 Datasheet HTML 6Page - Microchip Technology PIC18LF45J50 Datasheet HTML 7Page - Microchip Technology PIC18LF45J50 Datasheet HTML 8Page - Microchip Technology PIC18LF45J50 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PIC18F46J50 FAMILY
DS80436C-page 2
 2010 Microchip Technology Inc.
TABLE 2:
SILICON ISSUE SUMMARY
Module
Feature
Item
Number
Issue Summary
Affected
Revisions(1)
A2
A4
MSSP
I2C™
Modes
1.
Must keep LATB<5:4> bits clear.
X
MSSP
I2C Slave
2.
Module may not receive the correct data if there
is a delay in reading SSPxBUF after SSPxIF
interrupt.
XX
EUSART
Enable/Dis-
able
3.
If interrupts are enabled, a 2 TCY delay needed
after re-enabling the module.
XX
A/D
FOSC/2
Clock
4.
FOSC/2 A/D Conversion mode may not meet
linearity error limits.
XX
PMP
PSP
5.
Incorrect data capture in Slave modes.
X
Low-Power
modes
Deep Sleep
6.
Wake-up events that occur during Deep Sleep
entry may not generate an event.
XX
DC
Characteristics
Supply Volt-
age
7.
Minimum operating voltage (VDD) parameter for
“F” devices is 2.25V.
X
A/D
Band Gap
Reference
8.
At high VDD voltages, performing an A/D
conversion on Channel 15 could have issues.
XX
CTMU
Constant
Current
9.
Low voltages turn off constant current source.
X
Note 1:
Only those issues indicated in the last column apply to the current silicon revision.


Similar Part No. - PIC18LF45J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF45J50I/MLQTP MICROCHIP-PIC18LF45J50I/MLQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF45J50I/MLSQTP MICROCHIP-PIC18LF45J50I/MLSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF45J50I/PTQTP MICROCHIP-PIC18LF45J50I/PTQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF45J50I/PTSQTP MICROCHIP-PIC18LF45J50I/PTSQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18LF45J50I/SOQTP MICROCHIP-PIC18LF45J50I/SOQTP Datasheet
4Mb / 562P
   28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
More results

Similar Description - PIC18LF45J50

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GB106-I-PT MICROCHIP-PIC24FJ64GB106-I-PT Datasheet
370Kb / 22P
   PIC24FJ256GB110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ32GA002-I-ML MICROCHIP-PIC24FJ32GA002-I-ML Datasheet
216Kb / 24P
   PIC24FJ64GA004 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC24FJ256GA110 MICROCHIP-PIC24FJ256GA110 Datasheet
392Kb / 22P
   PIC24FJ256GA110 Family Silicon Errata and Data Sheet Clarification
11/29/12
PIC18F67J50-I MICROCHIP-PIC18F67J50-I Datasheet
271Kb / 16P
   PIC18F87J50 Family Silicon Errata and Data Sheet Clarification
03/26/09
PIC18F46K80-E-PT MICROCHIP-PIC18F46K80-E-PT Datasheet
128Kb / 12P
   PIC18F66K80 Family Silicon Errata and Data Sheet Clarification
11/29/11
PIC24F04KA201 MICROCHIP-PIC24F04KA201_11 Datasheet
97Kb / 8P
   Silicon Errata and Data Sheet Clarification
2011
KSZ8041 MICROCHIP-KSZ8041 Datasheet
136Kb / 4P
   KSZ8041 Silicon Errata and Data Sheet Clarification
05-05-16
ATSAME54P19A MICROCHIP-ATSAME54P19A Datasheet
249Kb / 22P
   SAM D5x/E5x Family Silicon Errata and Data Sheet Clarification
2017
DSPIC33FJ06GS101 MICROCHIP-DSPIC33FJ06GS101_13 Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
DSPIC33FJ06GS202-EMM MICROCHIP-DSPIC33FJ06GS202-EMM Datasheet
345Kb / 20P
   dsPIC33FJ06GS101/X02 and dsPIC33FJ16GSX02/X04 Family Silicon Errata and Data Sheet Clarification
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com