Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCD-24-0.30 Datasheet(PDF) 1 Page - Recom International Power

Part # RCD-24-0.30
Description  Constant Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24-0.30 Datasheet(HTML) 1 Page - Recom International Power

  RCD-24-0.30 Datasheet HTML 1Page - Recom International Power RCD-24-0.30 Datasheet HTML 2Page - Recom International Power RCD-24-0.30 Datasheet HTML 3Page - Recom International Power RCD-24-0.30 Datasheet HTML 4Page - Recom International Power RCD-24-0.30 Datasheet HTML 5Page - Recom International Power RCD-24-0.30 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.recom-international.com
I-53
REV:1/2010
INNOLINE
DC/DC-Converter
RCD-24
EN-60950-1 Certified
UL-60950-1 Certified
Constant
Current LED
Driver
UL Certified Constant Current LED Driver
Wide Input and Output Voltage Range
Digital PWM and Analogue Voltage Dimming
Short Circuit and Overtemperature Protected
Pin, Wire or Open Frame SMD Versions
IP67 rated for /W Version
96% Efficiency
Features
Regulated
Converters
Selection Guide
Input Voltage (absolute maximum)
40VDC max
Recommended Input Voltage
300mA-700mA
5V min. / 24V typ. / 36VDC max
1A-1.2A
6V min. / 24V typ. / 36VDC max
Input Filter
Capacitor
Output Current Accuracy
300mA-700mA
±1% typ, ±3% max.
(Vin = 24DC)
1A-1.2A
±2% typ, ±5% max.
Internal Power Dissipation
Worst case load of 5 LEDs
800mW max
Output Current Stability
Vin=36V, Vout =1-9 LEDs
±1% max
Output Ripple and Noise (20MHz BW)
300mA-700mA
120mVp-p max
Vin=36V, Vout =1-9 LEDs
1A-1.2A
200mVp-p max
Temperature Coefficient
-40°C~+85°C ambient
±0.015%/°C max
Maximum Capacitive Load
100μF
Operating Frequency
300mA-700mA
210kHz min/ 260kHz typ/ 300kHz max
1A-1.2A
350kHz min/ 450kHz typ/ 550kHz max
Efficiency at Full Load
96% max.
Short Circuit Protection
Regulated at rated output current
continued on next page
Specifications
( typical at 25°C, nominal input voltage, rated output current unless otherwise specified )
Description
The RCD series is a step-down constant current source designed for driving high power white LEDs. Standard
output currents available are 300mA, 350mA, 500mA, 600mA, 700mA, 1A and 1.2A to make this driver
compatible with a wide range of LEDs from many different manufacturers without the need for any external
components. Despite its compact size, the RCD series is fully featured with very high efficiency, wide input
voltage range, high ambient operating temperature and two means of LED dimming: PWM/digital control and
analogue voltage dimming. Both dimming controls are independent and can be combined.
The driver is also designed to be as reliable as the LEDs it is driving, even at the full operating temperature.
Options include an IP67 wired version (/W) and an open frame version with SMD pins (/SMD/OF Option).
Part
Input
Output
Output
Dimming
Mounting
Number
Range
Current
Voltage
Control
Style
(VDC)
(mA)
(Vmin-Vmax)
RCD-24-0.30**
4.5-36V
0-300
2-35
Digital + Analogue
SMD, Pins or Wired
RCD-24-0.35**
4.5-36V
0-350
2-35
Digital + Analogue
SMD, Pins or Wired
RCD-24-0.50**
4.5-36V
0-500
2-35
Digital + Analogue
SMD, Pins or Wired
RCD-24-0.60**
4.5-36V
0-600
2-35
Digital + Analogue
SMD, Pins or Wired
RCD-24-0.70**
4.5-36V
0-700
2-35
Digital + Analogue
SMD, Pins or Wired
RCD-24-1.00**
6-36V
0-1000
3-33
Digital + Analogue
Pins or Wired
RCD-24-1.20**
6-36V
0-1200
3-33
Digital + Analogue
Pins or Wired
** No suffix is standard with PCB Pins.
** Add suffix /SMD/OF for open frame version with SMD solderpins
** Add suffix /SMD/OF-R for open frame version with SMD solderpins packed in Tape and Reel
(SMD versions available in 300mA ~ 700mA only)
** Add suffix /W for standard wired version without dimming control (four wires)
** Add suffix /W/X1 for wired version with analogue dimming control (five wires)
** Add suffix /W/X2 for wired version with PWM dimming control (five wires)
** Add suffix /W/X3 for wired version with both analogue and PWM dimming controls (six wires)
Derating Graph
(Ambient Temperature)
700
60
20 40
100
300
Ambient Temperature (°C)
0
80
-20
-40
Natural Convection
350
600
500
71
75
80
85
1000
1200
800
900
1100
65
Refer to Application Notes
RoHS
2002/95/EC
6/6
E224736


Similar Part No. - RCD-24-0.30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
178Kb / 4P
   Constant Current Single Output
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
RCD-24-0.30-PL RECOM-RCD-24-0.30-PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.30/PL RECOM-RCD-24-0.30/PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.30PL RECOM-RCD-24-0.30PL Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
More results

Similar Description - RCD-24-0.30

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com