Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCD-24-0.70 Datasheet(PDF) 5 Page - Recom International Power

Part # RCD-24-0.70
Description  Constant Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24-0.70 Datasheet(HTML) 5 Page - Recom International Power

  RCD-24-0.70 Datasheet HTML 1Page - Recom International Power RCD-24-0.70 Datasheet HTML 2Page - Recom International Power RCD-24-0.70 Datasheet HTML 3Page - Recom International Power RCD-24-0.70 Datasheet HTML 4Page - Recom International Power RCD-24-0.70 Datasheet HTML 5Page - Recom International Power RCD-24-0.70 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.recom-international.com
I-57
REV:1/2010
INNOLINE
DC/DC-Converter
RCD-24
Series
Package Style and Pinning
3rd angle
projection
Bottom View
Top View
6
1
3
2
4
5
2.54
2.54
1.90ø SMT Pad
6.6
3.380
2.54
17.8
21.00
1.8
1.0
11.42
7.6
1.9
Solderball
Pin after
Reflow
1.90
3.180
SMD Version
XX.X
± 0.5 mm
XX.XX ± 0.25 mm
XX.XXX ± 0.01 mm
Pin Connections
RCD-24 SMD Series
Pin #
Out
Comments
1
+Vin
DC Supply
2
Analogue Dimming
Leave open if not used
3
PWM/ON/OFF
Leave open if not used
4
GND
Do not connect to -Vout
5
-Vout
LED Cathode Connection
6
+Vout
LED Anode Connection
Due to the compact size of the Open Frame version, a product code label is used instead of the whole part number.
The product code consists of RCD xxxx (where xxxx is the datecode) followed by an 8 digit reference code, e.g.
= RCD-24-0.35/SMD/OF, manufactured in Week 1 of 2010.
RCD 1001
80999186
Bottom View
Top View
6
1
3
2
4
5
7.62
2.54
1.00ø+0.15/–0
0.6
8.50
12.55
4.1
2.54
17.5
22.10
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Tolerance ± 0.1 mm
Pin Connections
RCD-24 Series
Pin #
Out
Comments
1
+Vin
DC Supply
2
Analogue Dimming
Leave open if not used
3
PWM/ON/OFF
Leave open if not used
4
GND
Do not connect to -Vout
5
-Vout
LED Cathode Connection
6
+Vout
LED Anode Connection
Leave 1 mm space arround case on PCB
Recommended Footprint Details
Pinned Version
The reference codes for standard parts are:
RCD-24-0.30/SMD/OF = 80999199
RCD-24-0.35/SMD/OF = 80999186
RCD-24-0.50/SMD/OF = 80999200
RCD-24-0.60/SMD/OF = 80999201
RCD-24-0.70/SMD/OF = 80999202
Other custom or semi-custom parts may have
different reference codes.


Similar Part No. - RCD-24-0.70

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24-0.70 RECOM-RCD-24-0.70 Datasheet
178Kb / 4P
   Constant Current Single Output
RCD-24-0.70 RECOM-RCD-24-0.70 Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
RCD-24-0.70/PL RECOM-RCD-24-0.70/PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.70PL RECOM-RCD-24-0.70PL Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
More results

Similar Description - RCD-24-0.70

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com