Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3427T-EST Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MCP3427T-EST
Description  16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MCP3427T-EST Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MCP3427T-EST Datasheet HTML 5Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 6Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 7Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 8Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 9Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 10Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 11Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 12Page - Maxim Integrated Products MCP3427T-EST Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
© 2009 Microchip Technology Inc.
DS22226A-page 9
MCP3426/7/8
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = -40°C to +85°C, VDD = +5.0V, VSS = 0V, CHn+ = CHn- = VREF/2,
VINCOM = VREF/2.
FIGURE 2-1:
INL vs. Supply Voltage
(VDD).
FIGURE 2-2:
INL vs. Temperature.
FIGURE 2-3:
Offset Error vs.
Temperature.
FIGURE 2-4:
Output Noise vs. Input
Voltage.
FIGURE 2-5:
Total Error vs. Input Voltage.
FIGURE 2-6:
Gain Error vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.001
0.002
0.003
0.004
0.005
2.533.544.555.5
VDD (V)
PGA = 1
PGA = 4
PGA = 8
PGA = 2
0
0.001
0.002
0.003
0.004
0.005
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
2.7V
5V
-25
-20
-15
-10
-5
0
5
10
15
20
-40 -20
0
20
40
60
80 100 120 140
Temperature (
oC)
VDD = 5V
PGA = 1
PGA = 2
PGA = 4
PGA = 8
0
2
4
6
8
10
12
-100
-75
-50
-25
0
25
50
75
100
Input Signal (% of FSR)
PGA = 1
PGA = 8
PGA = 4
PGA = 2
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
-100
-75
-50
-25
0
25
50
75
100
Input Voltage (% of Full-Scale)
PGA = 1
PGA = 8
PGA = 4
PGA = 2
TA = +25°C
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
-60 -40 -20
0
20
40
60
80 100 120 140
Temperature (°C)
PGA = 1
PGA = 2
PGA = 4
PGA = 8


Similar Part No. - MCP3427T-EST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3427 MICROCHIP-MCP3427 Datasheet
950Kb / 56P
   16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
More results

Similar Description - MCP3427T-EST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
   16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
   18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com