Electronic Components Datasheet Search |
|
RCD-24-1.20 Datasheet(PDF) 1 Page - Recom International Power |
|
RCD-24-1.20 Datasheet(HTML) 1 Page - Recom International Power |
1 / 6 page www.recom-international.com I-53 REV:1/2010 INNOLINE DC/DC-Converter RCD-24 EN-60950-1 Certified UL-60950-1 Certified Constant Current LED Driver ● UL Certified Constant Current LED Driver ● Wide Input and Output Voltage Range ● Digital PWM and Analogue Voltage Dimming ● Short Circuit and Overtemperature Protected ● Pin, Wire or Open Frame SMD Versions ● IP67 rated for /W Version ● 96% Efficiency Features Regulated Converters Selection Guide Input Voltage (absolute maximum) 40VDC max Recommended Input Voltage 300mA-700mA 5V min. / 24V typ. / 36VDC max 1A-1.2A 6V min. / 24V typ. / 36VDC max Input Filter Capacitor Output Current Accuracy 300mA-700mA ±1% typ, ±3% max. (Vin = 24DC) 1A-1.2A ±2% typ, ±5% max. Internal Power Dissipation Worst case load of 5 LEDs 800mW max Output Current Stability Vin=36V, Vout =1-9 LEDs ±1% max Output Ripple and Noise (20MHz BW) 300mA-700mA 120mVp-p max Vin=36V, Vout =1-9 LEDs 1A-1.2A 200mVp-p max Temperature Coefficient -40°C~+85°C ambient ±0.015%/°C max Maximum Capacitive Load 100μF Operating Frequency 300mA-700mA 210kHz min/ 260kHz typ/ 300kHz max 1A-1.2A 350kHz min/ 450kHz typ/ 550kHz max Efficiency at Full Load 96% max. Short Circuit Protection Regulated at rated output current continued on next page Specifications ( typical at 25°C, nominal input voltage, rated output current unless otherwise specified ) Description The RCD series is a step-down constant current source designed for driving high power white LEDs. Standard output currents available are 300mA, 350mA, 500mA, 600mA, 700mA, 1A and 1.2A to make this driver compatible with a wide range of LEDs from many different manufacturers without the need for any external components. Despite its compact size, the RCD series is fully featured with very high efficiency, wide input voltage range, high ambient operating temperature and two means of LED dimming: PWM/digital control and analogue voltage dimming. Both dimming controls are independent and can be combined. The driver is also designed to be as reliable as the LEDs it is driving, even at the full operating temperature. Options include an IP67 wired version (/W) and an open frame version with SMD pins (/SMD/OF Option). Part Input Output Output Dimming Mounting Number Range Current Voltage Control Style (VDC) (mA) (Vmin-Vmax) RCD-24-0.30** 4.5-36V 0-300 2-35 Digital + Analogue SMD, Pins or Wired RCD-24-0.35** 4.5-36V 0-350 2-35 Digital + Analogue SMD, Pins or Wired RCD-24-0.50** 4.5-36V 0-500 2-35 Digital + Analogue SMD, Pins or Wired RCD-24-0.60** 4.5-36V 0-600 2-35 Digital + Analogue SMD, Pins or Wired RCD-24-0.70** 4.5-36V 0-700 2-35 Digital + Analogue SMD, Pins or Wired RCD-24-1.00** 6-36V 0-1000 3-33 Digital + Analogue Pins or Wired RCD-24-1.20** 6-36V 0-1200 3-33 Digital + Analogue Pins or Wired ** No suffix is standard with PCB Pins. ** Add suffix /SMD/OF for open frame version with SMD solderpins ** Add suffix /SMD/OF-R for open frame version with SMD solderpins packed in Tape and Reel (SMD versions available in 300mA ~ 700mA only) ** Add suffix /W for standard wired version without dimming control (four wires) ** Add suffix /W/X1 for wired version with analogue dimming control (five wires) ** Add suffix /W/X2 for wired version with PWM dimming control (five wires) ** Add suffix /W/X3 for wired version with both analogue and PWM dimming controls (six wires) Derating Graph (Ambient Temperature) 700 60 20 40 100 300 Ambient Temperature (°C) 0 80 -20 -40 Natural Convection 350 600 500 71 75 80 85 1000 1200 800 900 1100 65 Refer to Application Notes RoHS 2002/95/EC 6/6 E224736 |
Similar Part No. - RCD-24-1.20 |
|
Similar Description - RCD-24-1.20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |