Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMD9010D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMD9010D
Description  MOSFET driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD9010D Datasheet(HTML) 3 Page - NXP Semiconductors

  PMD9010D Datasheet HTML 1Page - NXP Semiconductors PMD9010D Datasheet HTML 2Page - NXP Semiconductors PMD9010D Datasheet HTML 3Page - NXP Semiconductors PMD9010D Datasheet HTML 4Page - NXP Semiconductors PMD9010D Datasheet HTML 5Page - NXP Semiconductors PMD9010D Datasheet HTML 6Page - NXP Semiconductors PMD9010D Datasheet HTML 7Page - NXP Semiconductors PMD9010D Datasheet HTML 8Page - NXP Semiconductors PMD9010D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PMD9010D_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 20 November 2006
3 of 16
NXP Semiconductors
PMD9010D
MOSFET driver
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on a ceramic PCB, Al2O3, standard footprint.
Transistor 2 (TR2)
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
45
V
IC
collector current
-
0.1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-
0.2
A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
0.2
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
290
mW
[2] -
325
mW
[3] -
400
mW
Diode (D1)
IF
forward current
-
−0.2
A
IFRM
repetitive peak forward current tp ≤ 1 ms; δ≤ 0.25
-
−0.6
A
IFSM
non-repetitive peak forward
current
square wave
tp =1 µs-
−9A
tp = 100 µs-
−3A
tp =10ms
-
−1.7
A
Device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit


Similar Part No. - PMD9010D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9010D PHILIPS-PMD9010D Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMD9010D NEXPERIA-PMD9010D Datasheet
262Kb / 17P
   MOSFET driver
Rev. 01 - 20 November 2006
More results

Similar Description - PMD9010D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
   MOSFET driver
Rev. 02-28 August 2009
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-24 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
   MOSFET driver
Rev. 01-27 November 2006
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
   MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
   MOSFET driver
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
   MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
   MOSFET Driver
logo
NXP Semiconductors
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-20 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com