Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLG-240H-24 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-240H-24
Description  240W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-240H-24 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-240H-24 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-240H-24 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-240H-24 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-240H-24 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-240H-24 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-240H-24 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ACInput TerminalPinNo.
Assignment
DCOutput TerminalPinNo.
Assignment
PinNo.
PinNo.
1
1
3
2
2
Assignment
Assignment
AC/L
+V
-V
AC/N
FG
244.2
220.2
12
9.6
-V(Black)
+V(Red)
ADJ2(White)
ADJ1(Blue)
1.8K
500
680
560
680
510
820
680
620
820
120
47
91
51
120
82
68
150
12V
15V
20V
24V
30V
36V
42V
48V
54V
Open
Open
Open
Open
Open
Open
Open
Open
Open
Short
Short
Short
Short
Short
Short
Short
Short
Short
Percentage
ofratedcurrent
Slightly>100%
Model
75%
50%
Slightly<50%
SJTW18AWG(0.75mm ) 3C
2
240WSingleOutputSwitchingPowerSupply
H L G - 2 4 0 H series
CType:(HLG-240H-_C)
Outputvoltageandconstantcurrentlevelcanbeadjustedthroughinternalpotentialmeter.
(Canaccessbyremovingtherubberstopperonthecase.)
BType:(HLG-240H-_B)
IP67rated.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistorbetween ADJ1and ADJ2.
Referenceresistancevalueforoutputcurrentadjustment(Typical)
300 20
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
4.2 4PL
300 20
I/P
8
15.4
1
2
3
220.2
251
1
2
O/P
Vo
ADJ.
Io
ADJ.
4.2 4PL
FileName:HLG-240H-SPEC 2010-06-14
SJTW14AWG(1.5mm ) 2C
2
SJTW18AWG(0.75mm ) 2C
2


Similar Part No. - HLG-240H-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240H-24 MEANWELL-HLG-240H-24 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H-24 MEANWELL-HLG-240H-24 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
More results

Similar Description - HLG-240H-24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240 Datasheet
334Kb / 6P
   240W Single Output Switching Power Supply
logo
Astrodyne Corporation
S-240 ASTRODYNE-S-240 Datasheet
330Kb / 2P
   240W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-240 MEANWELL-HLG-240_11 Datasheet
342Kb / 6P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_12 Datasheet
376Kb / 6P
   240W Single Output Switching Power Supply
S-240 MEANWELL-S-240 Datasheet
314Kb / 2P
   240W Single Output Switching Power Supply
HLG-240 MEANWELL-HLG-240_12 Datasheet
373Kb / 6P
   240W Single Output Switching Power Supply
HEP-240 MEANWELL-HEP-240 Datasheet
85Kb / 4P
   240W Single Output Switching Power Supply
HLG-240H MEANWELL-HLG-240H_11 Datasheet
343Kb / 6P
   240W Single Output Switching Power Supply
HBG-240 MEANWELL-HBG-240 Datasheet
3Mb / 4P
   240W Output Switching Power Supply
HVGC-240 MEANWELL-HVGC-240 Datasheet
129Kb / 6P
   240W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com