Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK24-A-1 Datasheet(PDF) 1 Page - Meder Electronic

Part # MK24-A-1
Description  Reed Sensors for SMD Mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK24-A-1 Datasheet(HTML) 1 Page - Meder Electronic

  MK24-A-1 Datasheet HTML 1Page - Meder Electronic MK24-A-1 Datasheet HTML 2Page - Meder Electronic MK24-A-1 Datasheet HTML 3Page - Meder Electronic MK24-A-1 Datasheet HTML 4Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
285
www.meder.com
MEDER electronic
5.7
5.1
8.7
7.5
7.7
0.75
0.75
5.0
5.0
5.0
1.5
[0.224]
[0.201]
[0.342]
[0.03]
[0.03]
[0.303]
[0.3]
[0.181]
[0.181]
[0.181]
[0.059]
[0.079]
[0.079]
[0.079]
2.2
2.0
2.2
2.2
LEAD DESIGN 3
LEAD DESIGN 2
LEAD DESIGN 1
Reed Sensors for
SMD Mounting
DESCRIPTION
APPLICATIONS
MK24 Series
MK24 are the smallest, magnetically operated Reed
proximity switches for SMD mounting.
Lead design 1: Flat, straight leads for PCB
slot mounting.
Lead design 2: Flat, bent SMD leads.
Lead design 3: J-Lead.
The sensors are supplied in 16mm Tape & Reel
package according to IEC 286/part 3 suitable for
auto-placement.
Electronic PCB’s where all components
are surface mounted
Telecommunication applications
(Hook switch in mobile and hard-wired phones)
Switching element in microphones
Medical technologies
Rotary encoder
DIMENSIONS
All dimensions in mm [inch]
FEATURES
Small dimensions: 5.0 x 2.2 x 1.7mm
Three operate sensitivities available
Tape and Reel available
Excellent for low power operations
No external power required for sensor
operation
UL approved
Recommended
Pad Layout


Similar Part No. - MK24-A-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK24-A-1 MEDER-MK24-A-1 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
MK24-A-1 MEDER-MK24-A-1 Datasheet
76Kb / 1P
   MK Reed Sensor
MK24-A-1 MEDER-MK24-A-1_11 Datasheet
76Kb / 1P
   MK Reed Sensor
MK24-A-1_DE MEDER-MK24-A-1_DE Datasheet
93Kb / 1P
   (deutsch) MK Reed Sensor
More results

Similar Description - MK24-A-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK15-B-1 MEDER-MK15-B-1 Datasheet
1Mb / 3P
   Reed Sensors for SMD Mounting
MK22-A-1 MEDER-MK22-A-1 Datasheet
524Kb / 5P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1_10 Datasheet
434Kb / 4P
   Reed Sensors for SMD Mounting
MK15-B-1 MEDER-MK15-B-1_10 Datasheet
429Kb / 3P
   Reed Sensors for SMD Mounting
MK17-B-1 MEDER-MK17-B-1 Datasheet
484Kb / 4P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1 Datasheet
1Mb / 1P
   Reed Sensors for SMD Mounting
MK16-B-1 MEDER-MK16-B-1_10 Datasheet
433Kb / 3P
   Reed Sensors for SMD Mounting
MK23-35 MEDER-MK23-35 Datasheet
772Kb / 8P
   Open Reed Sensors for SMD Mounting
MK23-35-B-2 MEDER-MK23-35-B-2_10 Datasheet
771Kb / 7P
   Open Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com