Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPP20-243.3SW Datasheet(PDF) 2 Page - Recom International Power

Part # RPP20-243.3SW
Description  20 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP20-243.3SW Datasheet(HTML) 2 Page - Recom International Power

  RPP20-243.3SW Datasheet HTML 1Page - Recom International Power RPP20-243.3SW Datasheet HTML 2Page - Recom International Power RPP20-243.3SW Datasheet HTML 3Page - Recom International Power RPP20-243.3SW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PP-6
www.recom-electronic.com
REV: 2/2009
Specifications (typical at nominal input and 25°C unless otherwise noted)
Input Voltage Range
24V nominal input
9-36VDC
48V nominal input
18-75VDC
Under Voltage Lockout
24V input
DC-DC ON (min.)
8.5VDC
DC-DC OFF (max.)
8VDC
48V input
DC-DC ON (min.)
17.5VDC
DC-DC OFF (max.)
17VDC
Input Filter
Common Mode EMC Filter
Input Voltage Variation dv/dt (Complies with ETS300 132 part 4.4)
5V/ms max
Input Surge Voltage (100 ms max.)
24V Input
50VDC
48V Input
100VDC
Input Reflected Ripple
nominal Vin and full load
20mAp-p
Start Up Time
nominal Vin and constant resistor load
2ms typ., 5ms max.
Remote ON/OFF (4)
DC-DC ON
Open or 3.0V < Vr < 5.5V
DC-DC OFF
Short or 0V < Vr < 1.2V
Remote OFF input current
Nominal input
2mA typ.
Output Power
20W max.
Output Voltage Accuracy
50% Load and nominal Vin
±1.5%
Voltage Adjustability
Single Output only
±5%
Minimum Load
0%
Line Regulation
low line, high line at full load
±0.3%
Load Regulation
10% to 100% full load
±0.5%
Cross Regulation (10% <> 100% Load)
Dual Outputs only
3% typ. / 5% max.
Ripple and Noise (20MHz bandwith limited)
3.3V
100mVp-p typ.
(measured with 1µF capacitor across outputs)
All others
40mV-75mVp-p typ.
Temperature Coefficient
±0.04%/°C max.
Transient Response
25% load step change
800µs
Over Load Protection
% of full load at nominal Vin
120% typ.
Short Circuit Protection
Current limit, automatic recovery
Output Over Voltage Protection (refer to block diagram in Application Notes)
Converter shutdown if Vout > Vout nominal + 20%
Isolation Voltage
Rated at 1600VDC/1 minute, Flash tested at 2000VDC/1 second
Isolation Resistance
10M
Ω min.
Isolation Capacitance (refer to block diagram in Application Notes)
1500pF max.
Operating Frequency
260kHz ± 40kHz
Operating Temperature Range
Ambient, Free Convection
-45°C to +97°C (without derating)
-45°C to +105°C (with derating)
Maximum Case Temperature
+120°C
Storage Temperature Range
-55°C to +125°C
Over Temperature Protection (refer to block diagram in Application Notes)
internal thermistor
Thermal Impedance
Vertical
7.5°C/Watt
(Natural convection)
Horizontal
11.5°C/Watt
Relative Humidity
5% to 95% RH
Case Material (7)
Aluminium
Potting Material
Silicone (UL94-V0)
Weight
26g
Dimensions
1.6” x 1” x 0.48” (40.6 x 25.4 x 11.7mm)
POWERLINE+
DC/DC-Converter
RPP20-S_DW
Series


Similar Part No. - RPP20-243.3SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP20-243.3S RECOM-RPP20-243.3S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
More results

Similar Description - RPP20-243.3SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com