Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPP20-4812SW Datasheet(PDF) 1 Page - Recom International Power

Part # RPP20-4812SW
Description  20 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP20-4812SW Datasheet(HTML) 1 Page - Recom International Power

  RPP20-4812SW Datasheet HTML 1Page - Recom International Power RPP20-4812SW Datasheet HTML 2Page - Recom International Power RPP20-4812SW Datasheet HTML 3Page - Recom International Power RPP20-4812SW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWERLINE+
DC/DC-Converter
RPP20-W
www.recom-international.com
PP-5
REV:2/2009
UL-60950-1 Pending
Refer to Application Notes
RPP20-2405SW
Derating graphs are valid
only for the shown part
number. Please contact
Technical Support for more
information:
info@recom-development.at
20 Watt
Single &
Dual Output
Up to 97°C Ambient, no derating
120°C Maximum Case Temperature
-45°C Minimum OperatingTemperature
Built-in FCC/EN55022 Class B Filter
4:1 Wide Input Voltage Range
Six Sided Shielded Enclosure
Compact 40.6x25.4x11.7mm Package
Efficiency to >89%
2kVDC Isolation
Fully Protected
Low Quiescent Current
Features
ICE
Technology*
Selection Guide 24V and 48V 4:1 Input Types
Part Number
Input
Output
Output
Input
(1)
Efficiency
(2)
Max
(3)
Range
Voltage
Current
Current
Operating
VDC
VDC
mA
mA
Temp
RPP20-243.3SW
9-36
3.3
6000
59/955
87.2%
93°C
RPP20-2405SW
9-36
5
4000
65/946
88.1%
95°C
RPP20-2412SW
9-36
12
1666
23/946
88.1%
95°C
RPP20-2415SW
9-36
15
1333
25/931
89.5%
97°C
RPP20-483.3SW
18-75
3.3
6000
28/465
89.6%
97°C
RPP20-4805SW
18-75
5
4000
33/465
89.6%
97°C
RPP20-4812SW
18-75
12
1666
13/470
88.6%
96°C
RPP20-4815SW
18-75
15
1333
12/466
89.3%
97°C
RPP20-2405DW
9-36
±5
±2000
23/946
88.1%
95°C
RPP20-2412DW
9-36
±12
±833
28/930
89.6%
97°C
RPP20-2415DW
9-36
±15
±666
24/946
88.0%
95°C
RPP20-4805DW
18-75
±5
±2000
13/470
88.6%
96°C
RPP20-4812DW
18-75
±12
±833
16/472
88.2%
95°C
RPP20-4815DW
18-75
±15
±666
13/466
89.4%
97°C
Description
The RPP20-W series 4:1 input range DC/DC converters are ideal for high end industrial applications and COTS
Military applications where a high ambient operating temperature converter is required.
Although the case size is compact, the converter contains a built-in EN55022 Class B / FCC Level B EMC filter
without the need for any external components.
Derating Graph (Ambient Temperature)
* ICE Technology
ICE (Innovation in Converter Excellence)
uses state-of-the-art techniques to
minimise internal power dissipation and
to increase the internal temperature
limits to extend the ambient operating
temperature range to the maximum.
Refer to end of section for more details.


Similar Part No. - RPP20-4812SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP20-4812S RECOM-RPP20-4812S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
More results

Similar Description - RPP20-4812SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-121.5SE RECOM-RP30-121.5SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP20-A RECOM-RP20-A Datasheet
519Kb / 9P
   20 Watt Single & Dual Output
RP20-243.3SEW RECOM-RP20-243.3SEW_06 Datasheet
93Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW Datasheet
474Kb / 7P
   20 Watt Single & Dual Output
RP20-F RECOM-RP20-F Datasheet
489Kb / 8P
   20 Watt Single & Dual Output
RP20-FW RECOM-RP20-FW Datasheet
467Kb / 7P
   20 Watt Single & Dual Output
RP20-2433SEW RECOM-RP20-2433SEW Datasheet
96Kb / 4P
   20 Watt Single & Dual Output
RP20-AW RECOM-RP20-AW_17 Datasheet
472Kb / 7P
   20 Watt Single & Dual Output
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
REC20-243.4SZ RECOM-REC20-243.4SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com