Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX5100A Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPX5100A
Description  Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPX5100A Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPX5100A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 9Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 10Page - Freescale Semiconductor, Inc MPX5100A Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
MPX5100
Sensors
Freescale Semiconductor
7
Pressure
Transfer Function (MPX5100A)
Nominal Transfer Value: VOUT = VS (P x 0.009 - 0.095)
± (Pressure Error x Temp. Mult. x 0.009 x VS)
VS = 5.0 V ± 0.25 V
Temperature Error Multiplier
MPX5100A
Temp
Multiplier
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
130
120
100
80
140
- 40
3
0 to 85°C
1
+125°
3
Break Points
Temperature in °C
Note: The Temperature Multiplier is a linear response from 0° to -40°C and from 85° to 125°C.
Series
Pressure Error Band
Pressure in kPa
3.0
2.0
1.0
-1.0
-2.0
-3.0
0.0
0
20
40
60
80
100
130
Pressure
Error (max)
15 to 115 kPa
± 2.5 kPa
Error Limits for Pressure
MPX5100A Series


Similar Part No. - MPX5100A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX5100A MOTOROLA-MPX5100A Datasheet
396Kb / 12P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
Freescale Semiconductor...
MPX5100A FREESCALE-MPX5100A Datasheet
318Kb / 12P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5100A FREESCALE-MPX5100A Datasheet
310Kb / 16P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX5100A NXP-MPX5100A Datasheet
417Kb / 17P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
2005-2010
logo
Motorola, Inc
MPX5100AP MOTOROLA-MPX5100AP Datasheet
396Kb / 12P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results

Similar Description - MPX5100A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5100 FREESCALE-MP3V5100 Datasheet
111Kb / 9P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5010 FREESCALE-MPX5010 Datasheet
443Kb / 18P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5999D FREESCALE-MPX5999D Datasheet
165Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5004G FREESCALE-MP3V5004G_10 Datasheet
332Kb / 14P
   Integrated Silicon Pressure Sensor, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV7007 FREESCALE-MPXV7007 Datasheet
141Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXV4115V FREESCALE-MPXV4115V_12 Datasheet
94Kb / 10P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned Temperature Compensated, and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com