Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPP50-4812S Datasheet(PDF) 1 Page - Recom International Power

Part # RPP50-4812S
Description  40/50 Watt Single Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP50-4812S Datasheet(HTML) 1 Page - Recom International Power

  RPP50-4812S Datasheet HTML 1Page - Recom International Power RPP50-4812S Datasheet HTML 2Page - Recom International Power RPP50-4812S Datasheet HTML 3Page - Recom International Power RPP50-4812S Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
POWERLINE+
DC/DC-Converter
RPP40/
RPP50
www.recom-international.com
PP-17
REV:0/2009
UL-60950-1 Pending
Refer to Application Notes
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50 60
81
100
Natural Convection
-45
70
105
21
90
29
68
Vertical
Horizontal
RPP50-4805S
Derating graphs are valid only for the shown part numbers.
Please contact Technical Support for more information info@recom-development.at
40/50 Watt
Single
Output
U
Up
p tto
o 8
89
9°°C
C A
Am
mb
biie
en
ntt,, n
no
o d
de
erra
attiin
ng
g ((4
40
0W
W))
112
20
0°°C
C M
Ma
ax
xiim
mu
um
m C
Ca
as
se
e T
Te
em
mp
pe
erra
attu
urre
e
--4
45
5°°C
C M
Miin
niim
mu
um
m O
Op
pe
erra
attiin
ng
gT
Te
em
mp
pe
erra
attu
urre
e
B
Bu
uiilltt--iin
n F
FC
CC
C//E
EN
N5
55
50
02
22
2 C
Clla
as
ss
s B
B F
Fiilltte
err
2
2::11 W
Wiid
de
e IIn
np
pu
utt V
Vo
olltta
ag
ge
e R
Ra
an
ng
ge
e
4
40
0//5
50
0 W
Wa
atttts
s O
Ou
uttp
pu
utt P
Po
ow
we
err
C
Co
om
mp
pa
ac
ctt 5
50
0..8
8x
x3
30
0..5
5x
x1111..7
7m
mm
m P
Pa
ac
ck
ka
ag
ge
e
E
Effffiic
ciie
en
nc
cy
y tto
o 9
92
2%
%
3
3k
kV
VD
DC
C IIs
so
olla
attiio
on
n
F
Fu
ulllly
y P
Prro
otte
ec
ctte
ed
d
L
Lo
ow
w Q
Qu
uiie
es
sc
ce
en
ntt C
Cu
urrrre
en
ntt
Features
ICE
Technology*
Selection Guide 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(1)
Efficiency
(2)
Max
(3)
Range
Voltage
Current
Current
Operating
VDC
VDC
A
mA
Temp
RPP40-243.3S
18-36
3.3
12
58/1885
88.4%
77°C
RPP40-2405S
18-36
5
8
60/1831
91.0%
86°C
RPP40-2412S
18-36
12
3.33
100/1875
87.8%
75°C
RPP40-2415S
18-36
15
2.67
100/1870
89.5%
81°C
RPP40-483.3S
36-75
3.3
12
42/923
90.2%
84°C
RPP40-4805S
36-75
5
8
37/906
92.0%
89°C
RPP40-4812S
36-75
12
3.33
5/930
88.9%
78°C
RPP40-4815S
36-75
15
2.67
5/930
89.7%
81°C
RPP50-243.3S
18-36
3.3
15
58/2405
86.6%
58°C
RPP50-2405S
18-36
5
10
60/2315
90.0%
74°C
RPP50-2412S
18-36
12
4.16
18/2370
88.3%
66°C
RPP50-2415S
18-36
15
3.33
18/2315
90.0%
74°C
RPP50-483.3S
36-75
3.3
15
42/1177
88.6%
68°C
RPP50-4805S
36-75
5
10
37/1140
91.4%
81°C
RPP50-4812S
36-75
12
4.16
11/1165
89.4%
72°C
RPP50-4815S
36-75
15
3.33
11/1141
91.2%
81°C
Description
The RPP40 and RPP50 series 2:1 input range DC/DC converters are ideal for high end industrial applications and
COTS Military applications where a high ambient operating temperature converter is required. Although the case
size is compact, the converters contains a built-in EN55022 Class B / FCC Level B EMC filter without the need for
any external components.
Derating Graph (Ambient Temperature)
* ICE Technology
ICE (Innovation in
Converter Excellence) uses
state-of-the-art techniques
to minimise internal power
dissipation and to increase
the internal temperature
limits to extend the
ambient operating temp
range to the maximum.
Refer to end of section for
more details.
125
75
50
25
0
100
Ambient Temperature Range (°C)
-25 -10 0
50 60
89 100
Natural Convection
-45
70
105
39
80
29
Vertical
Horizontal
RPP40-4805S


Similar Part No. - RPP50-4812S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RPP111 ETC1-RPP111 Datasheet
263Kb / 3P
   FOTOREZYSTORY
RPP121 ETC1-RPP121 Datasheet
263Kb / 3P
   FOTOREZYSTORY
RPP130 ETC-RPP130 Datasheet
1Mb / 20P
   ELEMENTY OPTOELEKTRONICZNE
RPP130 ETC1-RPP130 Datasheet
263Kb / 3P
   FOTOREZYSTORY
RPP131 ETC1-RPP131 Datasheet
263Kb / 3P
   FOTOREZYSTORY
More results

Similar Description - RPP50-4812S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC40-481.8SRW RECOM-REC40-481.8SRW Datasheet
75Kb / 2P
   40 Watt Single Output
RP50-241.8S RECOM-RP50-241.8S_06 Datasheet
80Kb / 4P
   50 Watt Single Output
RP50-241.8S RECOM-RP50-241.8S Datasheet
95Kb / 4P
   50 Watt Single Output
RP50-481.8SB RECOM-RP50-481.8SB Datasheet
97Kb / 4P
   50 Watt Single Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
RPR50-243.3S RECOM-RPR50-243.3S Datasheet
196Kb / 6P
   50 Watt Single & Dual Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
logo
ETA-USA
DTB40-SX-W ETA-USA-DTB40-SX-W Datasheet
134Kb / 2P
   40 WATT SINGLE OUTPUT SWITCHING ADAPTOR
DAC40 ETA-USA-DAC40 Datasheet
547Kb / 4P
   AC/DC 40 Watt Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com