Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXFV401N16TC Datasheet(PDF) 5 Page - Zetex Semiconductors

Part # ZXFV401N16TC
Description  SYNC SEPARATOR WITH VARIABLE FILTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV401N16TC Datasheet(HTML) 5 Page - Zetex Semiconductors

  ZXFV401N16TC Datasheet HTML 1Page - Zetex Semiconductors ZXFV401N16TC Datasheet HTML 2Page - Zetex Semiconductors ZXFV401N16TC Datasheet HTML 3Page - Zetex Semiconductors ZXFV401N16TC Datasheet HTML 4Page - Zetex Semiconductors ZXFV401N16TC Datasheet HTML 5Page - Zetex Semiconductors ZXFV401N16TC Datasheet HTML 6Page - Zetex Semiconductors ZXFV401N16TC Datasheet HTML 7Page - Zetex Semiconductors ZXFV401N16TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DETAIL DESCRIPTION
Introduction
This device includes all the functions required to
separate out the critical timing points of most types of
video signal. A sample-and-hold process is used to
establish accurately the 50% point of the sync pulse.
The input is also filtered to avoid the effect of the colour
carrier. The filter is coupled externally. The following
paragraphs give a simplified description of the signal
processing.
Colour Carrier Filter
This is a low-pass filter providing adjustable
attenuation of the colour carrier with low distortion of
the remaining sync pulses so as to ensure accurate
timing of the extracted logic outputs. The control is via
an external resistor RFILT connected from pin 1 to
ground. A graph shows how the bandwidth varies with
the resistor value (Graph to be provide in future issue).
Clamping Circuits
Clamping circuits are use to limit the signal swing
excursion after AC coupling at both the input to the
filter, FILTIN and the timing extractor input, FVIDIN. In
each case, the sync tip level is maintained at a value of
nominally 1.35V.
Sync Timing Extraction Circuits
The waveforms are depicted in Timing Diagrams,
Figure 1 for PAL (625 lines) and Figure 2 for NTSC (525
lines).
Sample-and-hold circuits are used to obtain
time-delayed voltage values of the sync tip and the
back porch.
The sample gates are controlled by a
comparator sensing the video input relative to a
threshold at a fixed offset above the sync tip clamp
level.
The sampled voltages are combined in a
potential divider to derive the mean voltage (50%
amplitude), which is used as the sync pulse threshold.
A second comparator then provides CSYNC, the logic
version of the composite sync signal. This is delayed
slightly as shown in Figure 3.
The time delay
comprises that of the input filter and also the smaller
delay of the comparator and logic. The timing of the
sample hold and other time parameters are all
controlled together in unison by the external resistor
RSET. A 1% resistor tolerance is recommended. The
sync tip voltage level from the sample-and-hold is
buffered and provided as an analog output, VLEV.
The vertical sync output VSYNC is derived from the
Field pulse group. Where there are short equalisation
pulses in the standard systems, these short pulses are
ignored.
Essentially, a pulse width discriminator
circuit senses the first of the Field pulses, as they are
wider than those of the rest of the sequence.
The
trailing edge of the first negative-going Frame Pulse
(i.e. the rising edge of the first “serration” pulse)
triggers the VSYNC output. In systems with a frame
interval with no serration pulses, a vertical sync output
is provided after a default delay as in Figure 4. Also
provided is an ODDFLD logic output, which is high
during an odd-numbered field and low during an even
one.
The horizontal sync HSYNC is a monostable output
derived from the leading edge of the composite sync.
The pulse width is about 5 µs. Also, during the Field
blanking sequence, the additional half-line pulses are
removed by a timing circuit with a pulse interval
discrimination function controlled by RSET.
The Back Porch monostable output BKPCH is initiated
from the trailing edge of the composite.sync.
The
pulse is active low and the width is set according to
RSET.
Loss-of-Signal Detector
Loss of signal is indicated by a logic high level at the
output NOSIG. The decision threshold is set by an
external resistor RNOSIG connected from pin 2 to
ground.
The table of connections above gives the
equation used to determine a suitable resistor value. A
waiting time of nominally 600 µs occurs before the loss
of signal is flagged.
ZXFV401
PROVISIONAL ISSUE A - FEBRUARY 2002
5


Similar Part No. - ZXFV401N16TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
ZXFV4089 ZETEX-ZXFV4089 Datasheet
179Kb / 9P
   VIDEO AMPLIFIER WITH DC RESTORATION
logo
Diodes Incorporated
ZXFV4089 DIODES-ZXFV4089 Datasheet
259Kb / 12P
   Video amplifier with DC restoration
logo
Zetex Semiconductors
ZXFV4089N8TA ZETEX-ZXFV4089N8TA Datasheet
53Kb / 5P
   VIDEO AMPLIFIER WITH DC RESTORATION
More results

Similar Description - ZXFV401N16TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXFV4583 DIODES-ZXFV4583 Datasheet
217Kb / 14P
   SYNC SEPARATOR WITH VARIABLE FILTER
logo
Zetex Semiconductors
ZXFV4583 ZETEX-ZXFV4583 Datasheet
212Kb / 14P
   SYNC SEPARATOR WITH VARIABLE FILTER
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
BA7046 ROHM-BA7046 Datasheet
92Kb / 7P
   SYNC separator IC with AFC
logo
Intersil Corporation
EL1883 INTERSIL-EL1883 Datasheet
279Kb / 9P
   Sync Separator with Horizontal Output
logo
Rohm
BA7062F ROHM-BA7062F Datasheet
88Kb / 7P
   SYNC separator IC with AFC
logo
Intersil Corporation
EL1883 INTERSIL-EL1883_06 Datasheet
278Kb / 9P
   Sync Separator with Horizontal Output
logo
Rohm
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
logo
Renesas Technology Corp
EL1883 RENESAS-EL1883 Datasheet
513Kb / 9P
   Sync Separator with Horizontal Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com