Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG2010EH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG2010EH
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2010EH Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG2010EH Datasheet HTML 1Page - NXP Semiconductors PMEG2010EH Datasheet HTML 2Page - NXP Semiconductors PMEG2010EH Datasheet HTML 3Page - NXP Semiconductors PMEG2010EH Datasheet HTML 4Page - NXP Semiconductors PMEG2010EH Datasheet HTML 5Page - NXP Semiconductors PMEG2010EH Datasheet HTML 6Page - NXP Semiconductors PMEG2010EH Datasheet HTML 7Page - NXP Semiconductors PMEG2010EH Datasheet HTML 8Page - NXP Semiconductors PMEG2010EH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PMEG2010EH_EJ_ET_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 20 March 2007
2 of 11
NXP Semiconductors
PMEG2010EH/EJ/ET
1 A very low VF MEGA Schottky barrier rectifiers
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOD123F; SOD323F
1
cathode
[1]
2
anode
SOT23
1
anode
2
n.c.
3
cathode
001aab540
12
sym001
12
12
3
006aaa436
1
3
2
n.c.
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PMEG2010EH
-
plastic surface-mounted package; 2 leads
SOD123F
PMEG2010EJ
SC-90
plastic surface-mounted package; 2 leads
SOD323F
PMEG2010ET
-
plastic surface-mounted package; 3 leads
SOT23
Table 5.
Marking codes
Type number
Marking code[1]
PMEG2010EH
A9
PMEG2010EJ
AH
PMEG2010ET
*AU


Similar Part No. - PMEG2010EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EH PHILIPS-PMEG2010EH Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
PMEG2010EH PHILIPS-PMEG2010EH Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG2010EH PHILIPS-PMEG2010EH_15 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
More results

Similar Description - PMEG2010EH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG3010EH NXP-PMEG3010EH_07 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG4010EJ PHILIPS-PMEG4010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com