Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA113AIDGSTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PGA113AIDGSTG4
Description  Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA113AIDGSTG4 Datasheet(HTML) 4 Page - Texas Instruments

  PGA113AIDGSTG4 Datasheet HTML 1Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 2Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 3Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 4Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 5Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 6Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 7Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 8Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
PGA112
,, PGA113
PGA116, PGA117
SBOS424B – MARCH 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VS = AVDD = DVDD = +5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ//CL = 100pF connected to DVDD/2, and VREF = GND, unless otherwise noted.
PGA112, PGA113, PGA116, PGA117
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output Swing from Rail
IOUT = ±0.25mA, AVDD ≥ DVDD
(6)
GND + 0.05
DVDD – 0.05
V
IOUT = ±5mA, AVDD ≥ DVDD
(6)
GND + 0.25
DVDD – 0.25
V
DC Output Nonlinearity
VOUT = GND + 85mV to DVDD – 85mV
(7)
0.0015
%FSR
Short-Circuit Current
ISC
–30/+60
mA
Capacitive Load Drive
CLOAD
See Typical Characteristics
NOISE
Input Voltage Noise Density
en
f > 10kHz, CL = 100pF, VS = 5V
12
nV/
√Hz
f > 10kHz, CL = 100pF, VS = 2.2V
22
nV/
√Hz
Input Voltage Noise
en
f = 0.1Hz to 10Hz, CL = 100pF, VS = 5V
0.362
µV
PP
f = 0.1Hz to 10Hz, CL = 100pF, VS = 2.2V
0.736
µV
PP
Input Current Density
In
f = 10kHz, CL = 100pF
400
fA/
√Hz
SLEW RATE
Slew Rate
SR
See Table 1
V/
µs
SETTLING TIME
Settling Time
tS
See Table 1
µs
FREQUENCY RESPONSE
Frequency Response
See Table 1
MHz
THD + NOISE
G = 1, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.003
%
G = 10, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.005
%
G = 50, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.03
%
G = 128, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.08
%
G = 200, f = 1kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.1
%
G = 1, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.02
%
G = 10, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.01
%
G = 50, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.03
%
G = 128, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.08
%
G = 200, f = 20kHz, VOUT = 4VPP at 2.5VDC, CL = 100pF
0.11
%
POWER SUPPLY
Operating Voltage Range
(6)
AVDD
2.2
5.5
V
DVDD
2.2
5.5
V
Quiescent Current Analog
IQA
IO = 0, G = 1, VOUT = VREF
0.33
0.45
mA
Over Temperature, –40°C to +125°C
0.45
mA
IO = 0, G = 1, VOUT = VREF, SCLK at 10MHz,
Quiescent Current Digital
(8) (9) (10)
IQD
0.75
1.2
mA
CS = Logic 0, DIO or DIN = Logic 0
IO = 0, G = 1, VOUT = VREF, SCLK at 10MHz,
Over Temperature, –40°C to +125°C
(8) (9) (10)
1.2
mA
CS = Logic 0, DIO or DIN = Logic 0
Shutdown Current Analog + Digital
(8) (9)
ISDA + ISDD
IO = 0, VOUT = VREF, G = 1, SCLK Idle
4
µA
IO = 0, VOUT = 0, G = 1, SCLK at 10MHz,
245
µA
CS = Logic 0, DIO or DIN = Logic 0
POWER-ON RESET (POR)
Digital interface disabled and Command Register set to POR
POR Trip Voltage
1.6
V
values for DVDD < POR Trip Voltage
(6)
When AVDD is less than DVDD, the output is clamped to AVDD + 300mV.
(7)
Measurement limited by noise in test equipment and test time.
(8)
Does not include current into or out of the VREF pin. Internal RF and RI are always connected between VOUT and VREF.
(9)
Digital logic levels: DIO or DIN = logic 0. 10
µA internal pull-down current source.
(10) Includes current from op amp output structure.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PGA112 PGA113 PGA116 PGA117


Similar Part No. - PGA113AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA113AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
[Old version datasheet]   Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
   Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
INA333-Q1 TI1-INA333-Q1 Datasheet
546Kb / 26P
[Old version datasheet]   INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com