Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TEH100M10R0FE Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # TEH100M10R0FE
Description  100 Watt Thick Film Power Resistors for High Frequency and Pulse Loading Applications
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TEH100M10R0FE Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  TEH100M10R0FE Datasheet HTML 1Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ohmite Mfg. Co. 1600 Golf Rd., Rolling Meadows, IL 60008 • 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
51
TEH100 Series
100 Watt Thick Film Power
Resistors for High Frequency and
Pulse Loading Applications
Ohmite offers the totally encap-
sulated and insulated TO-247
package for low ohmic value
and non-inductive design for
high-frequency and pulsing
applications. Ideal use is for
power supplies. This series is
rated at 100 Watts mounted to
a heat sink.
Fe A T u R es
• 100 Watt power rating at 25°C
case temperature
• Non-inductive performance
• Low thermal resistance
• RoHS compliant design
• TO-247 package configuration
• Single screw mounting simplifies
attach-ment to the heat sink
• A totally molded housing for envi-
romental protection
• Non-Inductive design
• Resistor package totally insulated
from heat sink
sP eci F ic A T ions
Material
Resistor: thick film on alumina
Case: high temperature plastic
Lead Material: Tinned Copper
Installation, max. Torque: 0.9 Nm
using an M3 screw and a com-
pression washer
Electrical
Derating: linear, 100% at 25°C to
0% at 175°C
Resistance range: 0.05
Ω to 1MΩ,
other values on request
Resistance tol.: ±1%, ±2%, ±5%,
±10%
Max. working voltage: 350V
Temperature Coefficient:
±50ppm/°C for >10
Ω, referenced
to 25°C,
R taken at +105°C;
others on request
Insulation Resistance: 10G
Ω min.
Dielectric Strength: 1,800 VAC
Tes T DA T A
Test
Conditions Of Test
Performance
Load life
MIL-R-39009D 4.8.13 , 2,000 hours
at rated power
∆R ≤ ±(1.0% + 0.0005Ω)
Moisture
resistance
-10°C - +65°C, RH>90%, cycle 240 h
∆R ≤ ±(0.50% + 0.0005Ω)
Short time
overload
1.5 times rated power and V(DC)
≤1.5Vmax for 5 seconds
∆R ≤ ± (0.50% + 0.0005Ω)
Thermal shock GJB360A-96 method 107, Cond. F
∆R ≤ ±(0.50% + 0.0005Ω)
Dielectric
strength
GJB360A-96 method 301, (1,800V
AC, 60s)
∆R ≤ ± (0.15% + 0.0005Ω)
Terminal
strength
GJB360A-96 method 211, Cond. A
(Pull Test) 2.4N
∆R ≤ ±(0.20% + 0.0005Ω)
High frequency
vibration
GJB360A-96 method 204, Cond. D
∆R ≤ ±(0.40% + 0.0005Ω)
sT A n DA r D p A r T numbers For T e H s eries
ohms
5% tolerance
1% tolerance
0.05
TEH100MR050JE
0.075
TEH100MR075JE
0.1
TEH100MR100JE
0.2
TEH100MR200JE
0.5
TEH100MR500JE
1
TEH100M1R00JE
TEH100M1R00FE
2
TEH100M2R00JE
TEH100M2R00FE
2.5
TEH100M2R50JE
TEH100M2R50FE
3
TEH100M3R00JE
TEH100M3R00FE
5
TEH100M5R00JE
TEH100M5R00FE
7.5
TEH100M7R50JE
TEH100M7R50FE
10
TEH100M10R0JE
TEH100M10R0FE
15
TEH100M15R0JE
TEH100M15R0FE
20
TEH100M20R0JE
TEH100M20R0FE
25
TEH100M25R0JE
TEH100M25R0FE
50
TEH100M50R0JE
TEH100M50R0FE
100
TEH100M100RJE
TEH100M100RFE
470
TEH100M470RJE
750
TEH100M750RJE
1K
TEH100M1K00JE
0.610~0.630"
(15.49~16.01mm)
0.805~0.825"
(20.44~20.96mm)
0.200~0.220"
(5.07~5.59mm)
ø0.139~0.147"
(3.53~3.73mm)
0.520~0.620"
(13.21~15.75mm)
0.136~0.150"
(3.45~3.81mm)
0.054~0.066"
(1.37~1.67mm)
0.080~0.140"
(2.03~3.55mm)
0.390~0.410"
(9.90~10.42mm)
0.185~0.205"
(4.69~5.21mm)
0.085~0.105"
(2.15~2.67mm)
0.310~0.330"
(0.55~1.07mm)
100
Ambient Temperature,
°C
60
20
0
0
80
40
75
100
175
125
50
25
150
D e RA T in G
Derating (thermal resistance): 0.666W/°K (1.5K/W). Without a heatsink, when in
free air at 25°C, the TEH100 is rated for 3.5W. Derating for temp. above 25°C is
0.0234W/°K.
Graphed value is only valid when using a thermal conduction to the heatsink Rth-
cs<0.025°K/W. This value can be reached by using thermal transfer compound
with a heat conductivity of 1W/mK. The flatness of the cooling plate must be better
than 0.05mm overall. The roughness of the surface should not exceed 6.4µm. The
case temperature is to be used for the definitiion of the applied power limit. The
case temperature measurement must be made with a thermocouple contacting
the center of the component mounted on the designed heat sink. Thermal grease
should be applied properly
or D erin G in F orm A T ion
TEH100M10R0JE
Series
Tolerance
F= 1%
J= 5%
Package Code
M = two terminals
Ohms
R = Decimal
Example:
2R50 = 2.50
25R0 =25
100R = 100
1K00 = 1000
RoHS Compliant
Non-compliant
version unavailble
check product availability
using the Worldwide inventory
search at ohmite.com
Check product availability at
www.ohmite.com


Similar Part No. - TEH100M10R0FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH100M10R0FE OHMITE-TEH100M10R0FE Datasheet
446Kb / 2P
   Low thermal resistance
More results

Similar Description - TEH100M10R0FE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TEH100 OHMITE-TEH100 Datasheet
444Kb / 2P
   100 Watt Thick Film Power Resistors for High
logo
Vishay Siliconix
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
   Pulse Load Carbon Film MELF Resistors for High Frequency Applications
Revision: 01-Dec-09
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCWHPE3 VISHAY-CRCWHPE3 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0603562RFKEAHP VISHAY-CRCW0603562RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW0603820RFKEAHP VISHAY-CRCW0603820RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW080518R0FKEAHP VISHAY-CRCW080518R0FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HP-E3 VISHAY-CRCW-HP-E3 Datasheet
152Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 16-Sep-16
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com