Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL12W03-D Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TL12W03-D
Description  TOSHIBA LED lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL12W03-D Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TL12W03-D Datasheet HTML 1Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 2Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 3Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 4Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 5Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 6Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 7Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 8Page - Toshiba Semiconductor TL12W03-D Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TL12W03-D(T30)
2009-06-30
2
HOL-1096
Preliminary
TOSHIBA LED lamps
TL12W03-D(T30)
○ Surface-mount devices
10.5 (L) mm × 5.0 (W) mm × 2.1 (H) mm
High luminous flux: 90 lm(typ.) @350 mA
Color: white
Topr / Tstg: 40 to 100°C
Reflow-solderable
Standard embossed tape packing: T30 (500 / reel)
8-mm pitch, 24-mm tape reel
Applications : general lighting
Color and Material
Part Number
Color
Material
TL12W03-D
White
InGaN
Absolute Maximum Ratings (Ta
25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
500
mA
Power Dissipation
PD
1.95
W
Operating Temperature
Topr
40 to 100
°C
Storage Temperature
Tstg
40 to 100
°C
Junction Temperature
Tj
120
°C
Note 1: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant
change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the
operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(
“Handling Precautions”/”Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 2: The junction-to-ambient thermal resistance, Rth(j-a), should be kept below 30℃/W so that the TL12W03-D is not
exposed to a condition beyond the absolute maximum ratings. Rth(j-a): Thermal resistance from the LED
junction to ambient temperature
Unit: mm
Polarity
(1.0)
1.Anode
2.Cathode
7.0
1
2
8.0
LED Chip position
Cathode index
10.5 ± 0.2
Tolerance : ± 0.15
*size of including burr
1
2
JEDEC
JEITA
TOSHIBA
Weight: 0.30 g (typ.)
0
20
40
60
80
100
120
500
300
0
100
200
400
600
Ambient temperature
Ta
(°C)
Rth(j-a)=30℃/W
IF – Ta
Preliminary


Similar Part No. - TL12W03-D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
More results

Similar Description - TL12W03-D

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-L TOSHIBA-TL12W03-L Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com