Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL12W03-L Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TL12W03-L
Description  TOSHIBA LED lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TL12W03-L Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TL12W03-L Datasheet HTML 3Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 4Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 5Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 6Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 7Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 8Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 9Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 10Page - Toshiba Semiconductor TL12W03-L Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TL12W03-L(T30)
2009-06-30
7
HOL-1097
Preliminary
Recommended soldering pattern
Cleaning
When cleaning is required after soldering, Toshiba recommends the following cleaning solvents.
It is confirmed that these solvents have no effect on semiconductor devices in our dipping test (under the
recommended conditions). In selecting the one for your actual usage, please perform sufficient review
on washing condition, using condition and etc.
ASAHI CLEAN AK-225AES: (made by ASAHI GLASS)
Precautions when Mounting
Do not apply force to the plastic part of the LED under high-temperature conditions.
To avoid damaging the LED plastic, do not apply friction using a hard material.
When installing the PCB in a product, ensure that the device does not come into contact with other cmponents.
Tape Specifications
1.
Product number format
The type of package used for shipment is denoted by a symbol suffix after the product number. The
method of classification is as below. (this method, however does not apply to products whose electrical
characteristics differ from standard Toshiba specifications)
(1)
Tape Type: T30 (8-mm pitch)
(2)
Example
2.
Handling precautions
Tape material protected against static electricity. However, static electricity may occur depending on
quantity of charged static electricity and a device may attach to a tape, or a device may be unstable when
peeling a tape cover.
(a)
Since tape materials may accumulate an electrostatic charge, use an ionizer to neutralize the ambient
air.
(b)For transport and temporary storage of devices, use containers (boxes and bags) and jigs that are made of
anti-static materials or of materials which dissipate electrostatic charge.
TL12W03-L
(T30)
Tape type
Toshiba product No.
3.4
0.8
7.4
3.3
単位(mm)
Unit (mm)


Similar Part No. - TL12W03-L

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
More results

Similar Description - TL12W03-L

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TLRE1100B MARKTECH-TLRE1100B Datasheet
419Kb / 15P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-N TOSHIBA-TL12W03-N Datasheet
440Kb / 11P
   TOSHIBA LED lamps
logo
Marktech Corporate
TLRK1100C MARKTECH-TLRK1100C Datasheet
394Kb / 14P
   TOSHIBA LED Lamps
TLRU1002A MARKTECH-TLRU1002A Datasheet
414Kb / 17P
   TOSHIBA LED Lamps
logo
Toshiba Semiconductor
TL12W03-D TOSHIBA-TL12W03-D Datasheet
440Kb / 11P
   TOSHIBA LED lamps
TLOU123 TOSHIBA-TLOU123 Datasheet
145Kb / 6P
   TOSHIBA InGaALP LED
TLSE50T TOSHIBA-TLSE50T Datasheet
220Kb / 12P
   TOSHIBA InGaALP LED
logo
Marktech Corporate
TLWK1100C MARKTECH-TLWK1100C Datasheet
278Kb / 9P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com