Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5615 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5615
Description  160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5615 Datasheet(HTML) 5 Page - Texas Instruments

  TAS5615 Datasheet HTML 1Page - Texas Instruments TAS5615 Datasheet HTML 2Page - Texas Instruments TAS5615 Datasheet HTML 3Page - Texas Instruments TAS5615 Datasheet HTML 4Page - Texas Instruments TAS5615 Datasheet HTML 5Page - Texas Instruments TAS5615 Datasheet HTML 6Page - Texas Instruments TAS5615 Datasheet HTML 7Page - Texas Instruments TAS5615 Datasheet HTML 8Page - Texas Instruments TAS5615 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
TAS5615
www.ti.com
SLAS595B – JUNE 2009 – REVISED FEBRUARY 2010
PIN FUNCTIONS
PIN
FUNCTION(1)
DESCRIPTION
NAME
PHD NO.
DKD NO.
AGND
8
10
P
Analog ground
BST_A
54
43
P
HS bootstrap supply (BST), external 0.033-mF capacitor to OUT_A required
BST_B
41
34
P
HS bootstrap supply (BST), external 0.033-mF capacitor to OUT_B required
BST_C
40
33
P
HS bootstrap supply (BST), external 0.033-mF capacitor to OUT_C required
BST_D
27
24
P
HS bootstrap supply (BST), external 0.033-mF capacitor to OUT_D required
/CLIP
18
O
Clipping warning; open drain; active-low
C_STARTUP
3
5
O
Startup ramp requires a charging capacitor of 4.7 nF to AGND.
FREQ_ADJ
12
14
I
PWM frame-rate programming pin requires resistor to AGND.
7, 23, 24, 57,
GND
9
P
Ground
58
GND_A
48, 49
38
P
Power ground for half-bridge A
GND_B
46, 47
37
P
Power ground for half-bridge B
GND_C
34, 35
30
P
Power ground for half-bridge C
GND_D
32, 33
29
P
Power ground for half-bridge D
GVDD_A
55
P
Gate-drive voltage supply requires 0.1-mF capacitor to GND_A.
GVDD_B
56
P
Gate-drive voltage supply requires 0.1-mF capacitor to GND_B.
GVDD_C
25
P
Gate-drive voltage supply requires 0.1-mF capacitor to GND_C.
GVDD_D
26
-
P
Gate-drive voltage supply requires 0.1-µF capacitor to GND_D.
GVDD_AB
44
P
Gate-drive voltage supply requires 0.22-mF capacitor to GND_A/GND_B.
GVDD_CD
23
P
Gate-drive voltage supply requires 0.22-mF capacitor to GND_C/GND_D.
INPUT_A
4
6
I
Input signal for half bridge A
INPUT_B
5
7
I
Input signal for half bridge B
INPUT_C
10
12
I
Input signal for half bridge C
INPUT_D
11
13
I
Input signal for half bridge D
M1
20
20
I
Mode selection
M2
21
21
I
Mode selection
M3
22
22
I
Mode selection
NC
59–62
No connect; pins may be grounded.
OC_ADJ
1
3
O
Analog overcurrent-programming pin requires resistor to ground:
64 pin QFP package (PHD) = 22 k
44 pin PSOP3 Package (DKD) = 24 k
OSC_IO+
13
15
I/O
Oscillaotor master/slave output/input
OSC_IO–
14
16
I/O
Oscillaotor master/slave output/input
/OTW
18
O
Overtemperature warning signal, open-drain, active-low
/OTW1
16
O
Overtemperature warning signal, open-drain, active-low
/OTW2
17
O
Overtemperature warning signal, open-drain, active-low
OUT_A
52, 53
39, 40
O
Output, half bridge A
OUT_B
44, 45
36
O
Output, half bridge B
OUT_C
36, 37
31
O
Output, half bridge C
OUT_D
28, 29
27, 28
O
Output, half bridge D
PSU_REF
63
1
P
PSU reference requires close decoupling of 330 pF to AGND.
Power supply input for half-bridge A requires close decoupling of 2.2-mF
PVDD_A
50, 51
41, 42
P
capacitor to GND_A.
Power supply input for half-bridge B requires close decoupling of 2.2-mF
PVDD_B
42, 43
35
P
capacitor to GND_B.
Power supply input for half-bridge C requires close decoupling of 2.2-mF
PVDD_C
38, 39
32
P
capacitor to GND_C.
(1)
I = Input, O = Output, P = Power
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TAS5615


Similar Part No. - TAS5615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615DKD TI-TAS5615DKD Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615DKDR TI-TAS5615DKDR Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615PHD TI-TAS5615PHD Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5615PHDR TI-TAS5615PHDR Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results

Similar Description - TAS5615

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com