Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG3002AEL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMEG3002AEL
Description  30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3002AEL Datasheet(HTML) 1 Page - NXP Semiconductors

  PMEG3002AEL Datasheet HTML 1Page - NXP Semiconductors PMEG3002AEL Datasheet HTML 2Page - NXP Semiconductors PMEG3002AEL Datasheet HTML 3Page - NXP Semiconductors PMEG3002AEL Datasheet HTML 4Page - NXP Semiconductors PMEG3002AEL Datasheet HTML 5Page - NXP Semiconductors PMEG3002AEL Datasheet HTML 6Page - NXP Semiconductors PMEG3002AEL Datasheet HTML 7Page - NXP Semiconductors PMEG3002AEL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier diode with an
integrated guard ring for stress protection encapsulated in a SOD882 leadless ultra small
plastic package.
1.2 Features
Forward current: 0.2 A
Reverse voltage: 30 V
Very low forward voltage
Leadless ultra small plastic package
Power dissipation comparable to SOT23
1.3 Applications
Ultra high-speed switching
Voltage clamping
Protection circuits
Low voltage rectification
High efficiency DC-to-DC conversion
Low power consumption applications
1.4 Quick reference data
PMEG3002AEL
30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in
leadless ultra small SOD882 package
Rev. 02 — 15 January 2010
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
0.2
A
VR
reverse voltage
-
-
30
V


Similar Part No. - PMEG3002AEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002AEL PHILIPS-PMEG3002AEL Datasheet
45Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-24 February 2004
logo
Nexperia B.V. All right...
PMEG3002AEL NEXPERIA-PMEG3002AEL Datasheet
637Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
logo
NXP Semiconductors
PMEG3002AELD NXP-PMEG3002AELD Datasheet
801Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
logo
Nexperia B.V. All right...
PMEG3002AELD NEXPERIA-PMEG3002AELD Datasheet
1Mb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 19 April 2011
logo
NXP Semiconductors
PMEG3002AELD PHILIPS-PMEG3002AELD_15 Datasheet
801Kb / 14P
   30 V, 0.2 A low VF MEGA Schottky barrier rectifier
Rev. 1-19 April 2011
More results

Similar Description - PMEG3002AEL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3002AEL PHILIPS-PMEG3002AEL Datasheet
45Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-24 February 2004
logo
Nexperia B.V. All right...
PMEG3002AEL NEXPERIA-PMEG3002AEL Datasheet
637Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
logo
NXP Semiconductors
PMEG3002AEL PHILIPS-PMEG3002AEL_15 Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG2005EL PHILIPS-PMEG2005EL Datasheet
44Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-11 February 2004
logo
Nexperia B.V. All right...
PMEG2005EL NEXPERIA-PMEG2005EL Datasheet
636Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
logo
NXP Semiconductors
PMEG2005EL NXP-PMEG2005EL Datasheet
101Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG2005EL PHILIPS-PMEG2005EL_15 Datasheet
101Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG4002EL PHILIPS-PMEG4002EL Datasheet
42Kb / 8P
   40V, 0.2 A LOW V-f MEGA SCHOTTKY BARRIER RECTIFIER IN LEADLESS ULTRA SMALL SOD882 PACKAGE
Rev. 01-17 February 2004
PMEG2005AEL PHILIPS-PMEG2005AEL_15 Datasheet
100Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03-15 January 2010
PMEG2005AEL NXP-PMEG2005AEL Datasheet
100Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03-15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com