Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XB4B-4035-D Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XB4B-4035-D
Description  0.4-mm Pitch Board to FPC Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XB4B-4035-D Datasheet(HTML) 2 Page - Omron Electronics LLC

  XB4B-4035-D Datasheet HTML 1Page - Omron Electronics LLC XB4B-4035-D Datasheet HTML 2Page - Omron Electronics LLC XB4B-4035-D Datasheet HTML 3Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8
XB4A/XB4B
0.4-mm Pitch Board to FPC Connector
XB4A Plug, SMT terminal
Dimensions
XB4A-
35-D
Pin number indication
Plug
contact
Plug (XB4A)
Socket (XB4B)
Plug
housing
0.4
4.1
0.75
5
4.1
0.14
Effective stacking length
(straight portion)
0.9±0.15
Stacking height
3.2±0.03
0.4±0.03
0.23±0.03
A±0.03
4.7±0.03
3.4
2.3
A
B
0.15
PCB Mating Dimensions (TOP VIEW)
Stacking state
(Stacking connector is XB4B.)
Table of Dimensions
Pins (See *1.)
Model
A
B
24
XB4A-2435-D
4.4
6.1
40
XB4A-4035-D
7.6
9.3
80
XB4A-8035-D
15.6 17.3
Ordering Information (Please consult your trading company for the delivery date.)
Pins (See *1.)
Model
Quantity per reel (unit) (See *2.)
24
XB4A-2435-D
3,000
40
XB4A-4035-D
80
XB4A-8035-D
*1. Please consult your OMRON representative for inquiries related to pin number specifications.
*2. Please order an integer multiple of the quantity per reel.


Similar Part No. - XB4B-4035-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XB4B-4035-D OMRON-XB4B-4035-D Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4B-4035-D OMRON-XB4B-4035-D Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
More results

Similar Description - XB4B-4035-D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XB4A OMRON-XB4A_11 Datasheet
511Kb / 6P
   0.4-mm Pitch Board to FPC Connector
XB4A OMRON-XB4A Datasheet
562Kb / 6P
   0.4-mm Pitch Board to FPC Connector
logo
Hirose Electric
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
DDK Ltd.
FF34-18A-R11B DDK-FF34-18A-R11B Datasheet
197Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
FF19CE-18B-R11BP DDK-FF19CE-18B-R11BP Datasheet
199Kb / 3P
   0.4 mm Pitch Back-Lock FPC Connector
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF49 HIROSE-DF49 Datasheet
1Mb / 11P
   0.4 mm Pitch, Horizontal mating, Board- to-Fine Coaxial Cable Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com