Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YEV09T10-RG Datasheet(PDF) 11 Page - Power-One

Part # YEV09T10-RG
Description  10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T10-RG Datasheet(HTML) 11 Page - Power-One

Back Button YEV09T10-RG Datasheet HTML 4Page - Power-One YEV09T10-RG Datasheet HTML 5Page - Power-One YEV09T10-RG Datasheet HTML 6Page - Power-One YEV09T10-RG Datasheet HTML 7Page - Power-One YEV09T10-RG Datasheet HTML 8Page - Power-One YEV09T10-RG Datasheet HTML 9Page - Power-One YEV09T10-RG Datasheet HTML 10Page - Power-One YEV09T10-RG Datasheet HTML 11Page - Power-One YEV09T10-RG Datasheet HTML 12Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
YEV09T10 10A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-02092 Rev 1.1, 25-Mar-09
www.power-one.com
Page 11 of 12
9.
Pin Assignments and Description
Pin
Name
Pin
Number
Pin
Type
Buffer
Type
Pin Description
Notes
ON/OFF
1
I
PU
Enable
Pull high to turn ON the POL
VIN
2
P
Input Voltage
GND
3
P
Power Ground
VOUT
4
P
Output Voltage
TRIM
5
I
A
Output Voltage Trim
Connect a high accuracy resistor between TRIM
and GMD pins to set the output voltage
Legend: I=input, O=output, I/O=input/output, P=power, A=analog, PU=internal pull-up
10. Mechanical Drawings
All Dimensions are in inches
Tolerances:
X.XX:
0.02”
X.XXX:
0.01”
Figure 22. Mechanical Drawing


Similar Part No. - YEV09T10-RG

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YEV09T10 BEL-YEV09T10 Datasheet
640Kb / 11P
   High efficiency synchronous buck topology
More results

Similar Description - YEV09T10-RG

ManufacturerPart #DatasheetDescription
logo
Power-One
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T03 POWER-ONE-YEV09T03 Datasheet
318Kb / 10P
   3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
Maxim Integrated Produc...
MAX17686 MAXIM-MAX17686 Datasheet
866Kb / 19P
   4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
Rev 1; 4/19
MAX17290EVKIT MAXIM-MAX17290EVKIT Datasheet
2Mb / 13P
   4.5V to 7.3V, 10A DC power supply
Rev 0; 3/16
logo
Power-One
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
logo
Bel Fuse Inc.
SRDB-10E BEL-SRDB-10E Datasheet
316Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
S7DB-10E BEL-S7DB-10E Datasheet
308Kb / 17P
   NON-ISOLATED DC/DC CONVERTERS 4.5V - 13.2V Input / 1.0V - 5.0V Output / 10A
logo
Power-One
ZY7120 POWER-ONE-ZY7120 Datasheet
1Mb / 34P
   20A DC-DC Intelligent POL Data Sheet 3V to 13.2V Input 0.5V to 5.5V Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com