Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4010EP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG4010EP
Description  1 A low VF MEGA Schottky barrier rectifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4010EP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMEG4010EP Datasheet HTML 5Page - NXP Semiconductors PMEG4010EP Datasheet HTML 6Page - NXP Semiconductors PMEG4010EP Datasheet HTML 7Page - NXP Semiconductors PMEG4010EP Datasheet HTML 8Page - NXP Semiconductors PMEG4010EP Datasheet HTML 9Page - NXP Semiconductors PMEG4010EP Datasheet HTML 10Page - NXP Semiconductors PMEG4010EP Datasheet HTML 11Page - NXP Semiconductors PMEG4010EP Datasheet HTML 12Page - NXP Semiconductors PMEG4010EP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
PMEG4010EP_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 15 April 2010
9 of 14
NXP Semiconductors
PMEG4010EP
1 A low VF MEGA Schottky barrier rectifier
8.
Test information
The current ratings for the typical waveforms as shown in Figure 9, 10, 11 and 12 are
calculated according to the equations:
with IM defined as peak current,
at DC, and
with IRMS defined as RMS current.
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
9.
Package outline
Fig 13. Duty cycle definition
t1
t2
P
t
006aaa812
duty cycle
δ =
t1
t2
I
FAV
()
I
M
δ
×
=
I
RMS
I
FAV
()
=
I
RMS
I
M
δ
×
=
Fig 14. Package outline SOD128
07-09-12
Dimensions in mm
1.1
0.9
0.22
0.10
0.6
0.3
5.0
4.4
4.0
3.6
1.9
1.6
2.7
2.3
1
2


Similar Part No. - PMEG4010EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EP NXP-PMEG4010EP Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
logo
Nexperia B.V. All right...
PMEG4010EP NEXPERIA-PMEG4010EP Datasheet
254Kb / 12P
   40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
PMEG4010EP-Q NEXPERIA-PMEG4010EP-Q Datasheet
254Kb / 12P
   40 V, 1 A low VF Schottky barrier rectifier
20 February 2023
logo
NXP Semiconductors
PMEG4010EPK PHILIPS-PMEG4010EPK Datasheet
1Mb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
Rev. 2-6 March 2012
logo
Nexperia B.V. All right...
PMEG4010EPK NEXPERIA-PMEG4010EPK Datasheet
231Kb / 14P
   40 V, 1 A low VF MEGA Schottky barrier rectifier
18 January 2018
More results

Similar Description - PMEG4010EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EP NXP-PMEG4010EP Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG4010ER NXP-PMEG4010ER Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG2010BER PHILIPS-PMEG2010BER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010EP PHILIPS-PMEG3010EP_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
PMEG3010ER NXP-PMEG3010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG4010ER NXP-PMEG4010ER_10 Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 02-15 April 2010
PMEG2010ER NXP-PMEG2010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010BEP NXP-PMEG3010BEP Datasheet
98Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01 ??20 April 2009
logo
Nexperia B.V. All right...
PMEG3010BEA-Q NEXPERIA-PMEG3010BEA-Q Datasheet
201Kb / 10P
   1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
NXP Semiconductors
PMEG6010ER NXP-PMEG6010ER Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com