Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCL300E5 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXCL300E5
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL300E5 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXCL300E5 Datasheet HTML 1Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 2Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL300E5 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ISSUE 5 - NOVEMBER 2001
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
1
DESCRIPTION
The ZXCL series are very small low dropout
regulators designed for use in low power and
severely space limited applications.
The devices operate with a low dropout voltage,
typically of only 85mV at 50mA load. Supply current
is minimised with a ground pin current of only 50
µA
at full 150mA load. Logic control allows the devices
to be shut down, consuming typically less than 10nA.
These features make the device ideal for battery
powered applications where power economy is
critical.
The parts have been designed with space sensitive
systems in mind. They are available in the ultra small
SC70 package, which is half the size of other SOT23
based regulator devices.
FEATURES
5-pin SC70 package for the ultimate in space
saving
5-pin SOT23 industry standard pinout
Low 85mV dropout at 50mA load
50µA ground pin current with full 150mA load
Typically less than 10nA ground pin current on
shutdown
2.5, 2.6, 2.8, 3, 3.3 and 4 volts output
Very low noise, without bypass capacitor
Thermal overload and over-current protection
-40 to +85°C operating temperature range
For applications requiring improved performance
over alternative devices, the ZXCL is also offered in
the 5 pin SOT23 package with an industry standard
pinout.
The devices feature thermal overload and
over-current protection and are available with output
voltages of 2.5V, 2.6V, 2.8V, 3V, 3.3V and 4V. Other
voltage options between 1.5V and 4V can be
provided. Contact Zetex marketing for further
information.
The ZXCL series are manufactured using CMOS
processing, however advanced design techniques
mean that output noise is improved even when
compared to other bipolar devices.
APPLICATIONS
Cellular and Cordless phones
Palmtop and laptop computers
PDA
Hand held instruments
Camera, Camcorder, Personal Stereo
PCMCIA cards
Portable and Battery-powered equipment
ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
Battery Supply
Output Voltage
ZXCL
TYPICAL APPLICATION CIRCUIT
PACKAGE FOOTPRINT
Total Aea
2.1mm x 2mm
=4.2mm
2
Total Aea
2.8mm x 2.9mm
=8.12mm
2


Similar Part No. - ZXCL300E5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL300E5 ZETEX-ZXCL300E5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL300E5TA DIODES-ZXCL300E5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL300E5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com