Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG4050EP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG4050EP
Description  5 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4050EP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG4050EP Datasheet HTML 3Page - NXP Semiconductors PMEG4050EP Datasheet HTML 4Page - NXP Semiconductors PMEG4050EP Datasheet HTML 5Page - NXP Semiconductors PMEG4050EP Datasheet HTML 6Page - NXP Semiconductors PMEG4050EP Datasheet HTML 7Page - NXP Semiconductors PMEG4050EP Datasheet HTML 8Page - NXP Semiconductors PMEG4050EP Datasheet HTML 9Page - NXP Semiconductors PMEG4050EP Datasheet HTML 10Page - NXP Semiconductors PMEG4050EP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PMEG4050EP_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 14 September 2009
7 of 13
NXP Semiconductors
PMEG4050EP
5 A low VF MEGA Schottky barrier rectifier
Tj = 150 °C
(1)
δ = 0.1
(2)
δ = 0.2
(3)
δ = 0.5
(4)
δ =1
Tj = 125 °C
(1)
δ =1
(2)
δ = 0.9
(3)
δ = 0.8
(4)
δ = 0.5
Fig 7.
Average forward power dissipation as a
function of average forward current; typical
values
Fig 8.
Average reverse power dissipation as a
function of reverse voltage; typical values
FR4 PCB, standard footprint
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 °C
(1)
δ = 1; DC
(2)
δ = 0.5; f = 20 kHz
(3)
δ = 0.2; f = 20 kHz
(4)
δ = 0.1; f = 20 kHz
Fig 9.
Average forward current as a function of
ambient temperature; typical values
Fig 10. Average forward current as a function of
ambient temperature; typical values
IF(AV) (A)
08
6
24
006aab340
1
2
3
PF(AV)
(W)
0
(1)
(2)
(3)
(4)
VR (V)
040
30
10
20
006aab341
0.6
1.2
1.8
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab342
2.5
5.0
7.5
IF(AV)
(A)
0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aab343
2.5
5.0
7.5
IF(AV)
(A)
0
(1)
(2)
(3)
(4)


Similar Part No. - PMEG4050EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4050EP NXP-PMEG4050EP Datasheet
104Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-14 September 2009
logo
Nexperia B.V. All right...
PMEG4050EP NEXPERIA-PMEG4050EP Datasheet
258Kb / 12P
   40V, 5 A low VF Schottky barrier rectifier
20 February 2023
PMEG4050EP-Q NEXPERIA-PMEG4050EP-Q Datasheet
258Kb / 12P
   40 V, 5 A low VF Schottky barrier rectifier
20 February 2023
logo
NXP Semiconductors
PMEG4050EP115 NXP-PMEG4050EP115 Datasheet
104Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-14 September 2009
More results

Similar Description - PMEG4050EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3050EP PHILIPS-PMEG3050EP Datasheet
157Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-10 December 2009
PMEG4050EP115 NXP-PMEG4050EP115 Datasheet
104Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-14 September 2009
PMEG3050BEP PHILIPS-PMEG3050BEP_15 Datasheet
265Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-28 October 2009
PMEG3050EP PHILIPS-PMEG3050EP_15 Datasheet
157Kb / 13P
   5 A low VF MEGA Schottky barrier rectifier
Rev. 01-10 December 2009
PMEG060V050EPD PHILIPS-PMEG060V050EPD_15 Datasheet
229Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
22 January 2015
PMEG4050ETP NXP-PMEG4050ETP Datasheet
171Kb / 13P
   40 V, 5 A low VF MEGA Schottky barrier rectifier
Rev. 1-10 October 2011
logo
Nexperia B.V. All right...
PMEG060V050EPD NEXPERIA-PMEG060V050EPD Datasheet
714Kb / 15P
   60 V, 5 A low VF MEGA Schottky barrier rectifier
PMEG030V050EPD NEXPERIA-PMEG030V050EPD Datasheet
705Kb / 13P
   30 V, 5 A low VF MEGA Schottky barrier rectifier
logo
NXP Semiconductors
PMEG045V050EPD PHILIPS-PMEG045V050EPD_15 Datasheet
226Kb / 15P
   45 V, 5 A low VF MEGA Schottky barrier rectifier
26 January 2015
logo
Nexperia B.V. All right...
PMEG3050EP-Q NEXPERIA-PMEG3050EP-Q Datasheet
251Kb / 13P
   30 V, 5 A low VF MEGA Schottky barrier rectifier
1 November 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com