Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROV10H241K-2 Datasheet(PDF) 10 Page - Tyco Electronics

Part # ROV10H241K-2
Description  Metal Oxide Varistors Overvoltage Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV10H241K-2 Datasheet(HTML) 10 Page - Tyco Electronics

Back Button ROV10H241K-2 Datasheet HTML 2Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 3Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 4Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 5Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 6Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 7Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 8Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 9Page - Tyco Electronics ROV10H241K-2 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 10 of 10
Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of each product for
their applications. Tyco Electronics Corporation assumes no responsibility for the use of its product or for any infringement of patents or other
rights of third parties resulting from the use of its product. No license is granted by implication or otherwise under any patent or proprietary right
of Tyco Electronics except the right to use such product for the purpose for which it is sold. Tyco Electronics reserves the right to change or
update, without notice, any information contained in this publication; to change, without notice, the design, construction, processing, or
specification of any product; and to discontinue or limit production or distribution of any product. This publication supersedes and replaces all
information previously supplied. Without expressed or written consent by an officer of Tyco Electronics, Tyco Electronics does not authorize the
use of any of its products as components in nuclear facility applications, aerospace, or in critical life support devices or systems. Tyco
Electronics’ only obligations are those in the Tyco Electronics Standard Terms and Conditions of Sale and in no case will Tyco Electronics be
liable for any incidental, indirect, or consequential damages arising from the sale, resale, use, or misuse of its products.
© 2007 Tyco Electronics Corporation. All rights reserved.


Similar Part No. - ROV10H241K-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV10H241K MACOM-ROV10H241K Datasheet
540Kb / 10P
   Metal Oxide Varistors
More results

Similar Description - ROV10H241K-2

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com