Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF216F5550S1-T Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # AF216F5550S1-T
Description  CHIP ANTENNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AF216F5550S1-T Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

  AF216F5550S1-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AF216F5550S1-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AF216F5550S1-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AF216F5550S1-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AF216F5550S1-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AF216F5550S1-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AF216F5550S1-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AF216F5550S1-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
1
chipan_reli-PRP3
chipan_reli_e-01
PRECAUTIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
1. PCB Design
Precautions
◆Land pattern design
Please do not arrange the surface and inside layer pattern near the antenna mounting area.
Technical
Consider-
ations
◆Land pattern design
Land pattern dimension examples and recommended antenna land pattern
Type
Dimensions
L
P
a
AF216M
2.5
1.5
3
AF816M
8
7
5
AF116M
11
10
3
Unit : mm
2. Soldering
Technical
Consider-
ations
◆Conditions of Reflow soldering (for reference)
・Pb Free Reflow Profile
・Reflow Profilev
3. Storage Conditions
Precautions
◆Storage conditions
1. The Products should not be used in the following environments :
・exposure to special gases such as (C12, NH3, SOx, NOx)
・exposure to volatile gas or inflammable gas
・exposure to a lot of dust
・exposure to water or condensation
・exposure to direct sanlight or freezing
2. The Products should be kept in the following conditions :
・Temperature : ー10~+40℃
・Humidity
: 15~85%RH
3. The products should be used within 6 months after delivery. In case of storage over 6 months, solderability shall be checked before actual usage.
※ Components should be preheated to within
100 to 130℃ from soldering temperature.
※ Assured to be reflow soldering for 2 times.
Note : The above profiles are the maximum allow-
able soldering condition, therefore these
profiles are not always recommended.
■ Please contact our offices for further details of specifications.
All of the standard values listed here are subject to change without notice due to technical improvements.
Therefore, please check the specifications carefully before use.
AF216M/816M/116M
AH316M
AH104F
AH122F
AH104N
AH086M
AH083F


Similar Part No. - AF216F5550S1-T

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF2 ALTECH-AF2 Datasheet
372Kb / 1P
   30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
List of Unclassifed Man...
AF2-0.50V125TM ETC2-AF2-0.50V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
AF2-0.63V125TM ETC2-AF2-0.63V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
AF2-0.75V125TM ETC2-AF2-0.75V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
AF2-1.00V125TM ETC2-AF2-1.00V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
More results

Similar Description - AF216F5550S1-T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCA-5220-A2-TR RALTRON-RCA-5220-A2-TR Datasheet
461Kb / 3P
   CHIP ANTENNA
RCA-E-1003-E1-TR RALTRON-RCA-E-1003-E1-TR Datasheet
380Kb / 3P
   CHIP ANTENNA
RCA-E-3216-J2-TR RALTRON-RCA-E-3216-J2-TR Datasheet
306Kb / 3P
   CHIP ANTENNA
RCA-W2-P-3216-A36-G RALTRON-RCA-W2-P-3216-A36-G Datasheet
395Kb / 6P
   CHIP ANTENNA
logo
Pulse A Technitrol Comp...
W3014 PULSE-W3014 Datasheet
861Kb / 13P
   Chip Antenna
logo
Raltron Electronics Cor...
RCA-E-3216-EE-TR RALTRON-RCA-E-3216-EE-TR Datasheet
621Kb / 3P
   CHIP ANTENNA
RCA-E-3216-EA-TR RALTRON-RCA-E-3216-EA-TR Datasheet
742Kb / 7P
   CHIP ANTENNA
RCA-3216-A1-TR RALTRON-RCA-3216-A1-TR Datasheet
541Kb / 3P
   CHIP ANTENNA
RCA-9520-A0-TR RALTRON-RCA-9520-A0-TR Datasheet
619Kb / 4P
   CHIP ANTENNA
RCA-E-3216-A2-TR RALTRON-RCA-E-3216-A2-TR Datasheet
552Kb / 3P
   CHIP ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com