Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEM1505PG Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEM1505PG
Description  PNP transistor/Schottky rectifier module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEM1505PG Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEM1505PG Datasheet HTML 1Page - NXP Semiconductors PMEM1505PG Datasheet HTML 2Page - NXP Semiconductors PMEM1505PG Datasheet HTML 3Page - NXP Semiconductors PMEM1505PG Datasheet HTML 4Page - NXP Semiconductors PMEM1505PG Datasheet HTML 5Page - NXP Semiconductors PMEM1505PG Datasheet HTML 6Page - NXP Semiconductors PMEM1505PG Datasheet HTML 7Page - NXP Semiconductors PMEM1505PG Datasheet HTML 8Page - NXP Semiconductors PMEM1505PG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMEM1505PG_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2009
4 of 11
NXP Semiconductors
PMEM1505PG
PNP transistor/Schottky rectifier module
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PNP transistor
ICBO
collector-base cut-off
current
VCB = −15 V; IE =0A
-
-
−100
nA
VCB = −15 V; IE =0A;
Tj = 150 °C
--
−50
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
VCE = −2 V; IC = −10 mA
200
-
-
VCE = −2 V; IC = −100 mA
150
-
-
VCE = −2 V; IC = −500 mA
90
-
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −0.5 mA
[1]
--
−25
mV
IC = −200 mA; IB = −10 mA
-
-
−150
mV
IC = −500 mA; IB = −50 mA
-
-
−250
mV
RCEsat
equivalent
on-resistance
IC = −500 mA; IB = −50 mA
[1]
-
300
< 500
m
VBEsat
base-emitter
saturation voltage
IC = −500 mA; IB = −50 mA
[1]
--
−1.1
V
VBEon
base-emitter turn-on
voltage
VCE = −2 V; IC = −100 mA
[1]
--
−0.9
V
fT
transition frequency
VCE = −10 V; IC = −50 mA;
f = 100 MHz
[1]
100
280
-
MHz
Cc
collector capacitance
VCB = −10 V; IE =Ie =0A;
f=1MHz
-
4.4
10
pF
Schottky barrier rectifier
VF
continuous forward
voltage
see Figure 1
IF =10mA
[1]
-
240
270
mV
IF = 100 mA
[1]
-
300
350
mV
IF = 500 mA
[1]
-
400
460
mV
IF = 1000 mA
[1]
-
480
550
mV
IR
reverse current
see Figure 2
VR =5V
[1]
-5
10
µA
VR =8V
[1]
-7
20
µA
VR =15V
[1]
-10
50
µA
Cd
diode capacitance
VR = 5 V; f = 1 MHz; see
Figure 3
-
1925pF


Similar Part No. - PMEM1505PG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM1505PG PHILIPS-PMEM1505PG Datasheet
66Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 01-26 May 2004
More results

Similar Description - PMEM1505PG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM1505PG PHILIPS-PMEM1505PG Datasheet
66Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 01-26 May 2004
PMEM4020APD NXP-PMEM4020APD Datasheet
87Kb / 13P
   PNP transistor/Schottky rectifier module
Rev. 02-31 August 2009
PMEM4010PD NXP-PMEM4010PD Datasheet
168Kb / 10P
   PNP transistor/Schottky diode module
2002 Oct 28
PZTM1102 PHILIPS-PZTM1102 Datasheet
64Kb / 7P
   PNP transistor/Schottky-diode module
1996 May 09
PMEM4020PD NXP-PMEM4020PD Datasheet
196Kb / 11P
   PNP transistor/Schottky-diode module
2003 Nov 24
PMEM4010PD PHILIPS-PMEM4010PD Datasheet
76Kb / 12P
   PNP transistor/Schottky diode module
2002 Oct 28
PMEM4020PD PHILIPS-PMEM4020PD Datasheet
76Kb / 11P
   PNP transistor/Schottky-diode module
2003 Nov 24
PMEM4020AND NXP-PMEM4020AND Datasheet
87Kb / 13P
   NPN transistor/Schottky rectifier module
Rev. 02-31 August 2009
PMEM1505NG NXP-PMEM1505NG Datasheet
79Kb / 11P
   NPN transistor/Schottky rectifier module
Rev. 02-31 August 2009
logo
GeneSiC Semiconductor, ...
MBR2X060A045 GENESIC-MBR2X060A045_18 Datasheet
650Kb / 3P
   Schottky Rectifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com