Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROV05H241L-S-AP Datasheet(PDF) 3 Page - Tyco Electronics

Part # ROV05H241L-S-AP
Description  5mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV05H241L-S-AP Datasheet(HTML) 3 Page - Tyco Electronics

  ROV05H241L-S-AP Datasheet HTML 1Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 2Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 3Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 4Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 5Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 6Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 7Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 8Page - Tyco Electronics ROV05H241L-S-AP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ROV05, ROV05H
5mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.circuitprotection.com
Document: SCD 25480
Status: Released
Rev. C
May 18, 2005
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
3 of 10
© 2005 Tyco Electronics Corporation
DEVICE RATINGS AND CHARACTERISTICS
STANDARD SERIES
Varistor Voltage
V@0.1mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@5A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV05-180M
18
± 20%
11
14
40
1)
0.6
1121
*
ROV05-220L
22
± 15%
14
18
48
1)
0.7
1233
*
ROV05-270K
27
17
22
60
1)
0.9
1073
*
ROV05-330K
33
20
26
73
1)
1.1
834
*
ROV05-390K
39
25
31
86
1)
1.2
877
*
ROV05-470K
47
30
38
104
1)
1.5
715
*
ROV05-560K
56
35
45
123
1)
1.8
643
*
ROV05-680K
68
40
56
150
1)
100
50
0.01
2.1
501
*
ROV05-820K
82
50
65
145
2.8
269
ROV05-101K
100
60
85
175
3.5
263
ROV05-121K
120
75
100
210
4.0
180
ROV05-151K
150
95
125
260
5.5
180
ROV05-181K
180
115
150
320
6.5
95
ROV05-201K
200
130
170
355
7.1
85
♦ ●
ROV05-221K
220
140
180
380
7.8
80
♦ ●
ROV05-241K
240
150
200
415
8.4
74
♦ ●
ROV05-271K
270
175
225
475
9.9
69
♦ ●
ROV05-301K
300
195
250
525
10.5
65
♦ ●
ROV05-331K
330
210
275
575
11.5
60
♦ ●
ROV05-361K
360
230
300
620
13.0
69
♦ ●
ROV05-391K
390
250
320
675
15.0
56
♦ ●
ROV05-431K
430
275
350
745
16.5
47
♦ ●
ROV05-471K
470
300
385
810
17.5
50
♦ ●
ROV05-511K
510
320
418
880
18.5
50
♦ ● *
ROV05-561K
560
350
460
940
19.5
50
♦ ● *
ROV05-621K
620
385
505
1050
20.5
50
♦ ● *
ROV05-681K
680
420
560
1150
21.5
43
♦ ● *
ROV05-751K
750
± 10%
460
615
1290
400
200
0.1
22.5
-----
♦ ● *
* Pending VDE recognition
1) The clamping voltage for devices ROV05-180M to ROV05-680K is tested with 1A current.


Similar Part No. - ROV05H241L-S-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07 MACOM-ROV07 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-101K MACOM-ROV07-101K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-121K MACOM-ROV07-121K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-151K MACOM-ROV07-151K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-180M MACOM-ROV07-180M Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV05H241L-S-AP

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com