Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVA090RSA-L Datasheet(PDF) 3 Page - Tyco Electronics

Part # TVA090RSA-L
Description  SiBar Thyristor Surge Protectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVA090RSA-L Datasheet(HTML) 3 Page - Tyco Electronics

  TVA090RSA-L Datasheet HTML 1Page - Tyco Electronics TVA090RSA-L Datasheet HTML 2Page - Tyco Electronics TVA090RSA-L Datasheet HTML 3Page - Tyco Electronics TVA090RSA-L Datasheet HTML 4Page - Tyco Electronics TVA090RSA-L Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document: SCD 27170
SiBar Thyristor Surge Protectors
Status: Released
© 2007 Tyco Electronics Corporation. All rights Reserved.
3
Rev: B
Date: December 12, 2007
SiBarTM Thyristor Surge Protectors
TVAxxxRSA-L Series
Table SB4 – Physical Characteristics and Environmental Specifications
Lead material
Matte tin finish (-L devices)
Encapsulating material
Epoxy, meets UL94V-0 requirements
Solderability
per MIL-STD-750, Method 2026
Solder heat withstand
per MIL-STD-750, Method 2031
Solvent resistance
per MIL-STD-750, Method 1022
Mechanical shock
per MIL-STD-750, Method 2016
Vibration
per MIL-STD-750, Method 2056
Storage temperature (°C)
-55 to 150
Operating temperature (°C)
-40 to 125
Max Junction temperature (°C)
150
Maximum Lead Temperature for Soldering Purpose; for 10s (°C) 260
Table SB3 – Dimensions in Millimeters
A
B
C
D
Dimension
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
4.06
4.57
2.25
2.92
1.90
2.41
1.25
1.65
TVAxxxRSA-L
(0.160)
(0.180)
(0.089)
(0.115)
(0.075)
(0.095)
(0.049)
(0.065)
H
J
K
P
S
Dimension
Min.
Max.
Min.
Max.
Min.
Max.
Ref
Min
Max.
0.051
0.200
0.150
0.41
0.76
1.52
0.51
4.80
5.59
TVAxxxRSA-L
(0.002)
(0.008)
(0.006)
(0.016)
(0.030)
(0.060)
(0.020)
(0.189)
(0.220)
Notes: *D dimension is measured within dimension P.
TVA series devices use industry standard SMA package type.
All devices are bidirectional and may be oriented in either direction for installation
Table SB5 – Reliability Tests
Test
Conditions
Duration
High temperature, reverse bias
+100°C, 50VDC bias
1000 hours
High humidity, high temperature, reverse bias
85% RH, +85°C, 50VDC bias
1000 hours
High temperature storage life
+150°C
1000 hours
Temperature cycling
-65°C to +150°C, 15 minute dwell
1000 cycles
Autoclave
100% RH, +121°C, 15 PSI
96 hours


Similar Part No. - TVA090RSA-L

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TVA-11-422A MINI-TVA-11-422A Datasheet
260Kb / 3P
   RF Instrument Amplifier
TVA-11-422A++ MINI-TVA-11-422A+ Datasheet
260Kb / 3P
   RF Instrument Amplifier
TVA-4W-422A MINI-TVA-4W-422A Datasheet
245Kb / 3P
   RF Instrument Amplifier
TVA-4W-422A++ MINI-TVA-4W-422A+ Datasheet
245Kb / 3P
   RF Instrument Amplifier
TVA-63-183 MINI-TVA-63-183 Datasheet
333Kb / 2P
   RF Instrument Amplifier
More results

Similar Description - TVA090RSA-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB058NSB-L MACOM-TVB058NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVA270SA MACOM-TVA270SA Datasheet
179Kb / 12P
   SiBar Thyristor Surge Protectors
TVA170NSA-L MACOM-TVA170NSA-L Datasheet
299Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSC-L MACOM-TVB058NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170SA-L MACOM-TVA170SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB200SB-L MACOM-TVB200SB-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSA-L MACOM-TVB058NSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB006RSC-L MACOM-TVB006RSC-L Datasheet
415Kb / 5P
   SiBar Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com