Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1987286-5 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 1987286-5
Description  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1987286-5 Datasheet(HTML) 4 Page - Tyco Electronics

  1987286-5 Datasheet HTML 1Page - Tyco Electronics 1987286-5 Datasheet HTML 2Page - Tyco Electronics 1987286-5 Datasheet HTML 3Page - Tyco Electronics 1987286-5 Datasheet HTML 4Page - Tyco Electronics 1987286-5 Datasheet HTML 5Page - Tyco Electronics 1987286-5 Datasheet HTML 6Page - Tyco Electronics 1987286-5 Datasheet HTML 7Page - Tyco Electronics 1987286-5 Datasheet HTML 8Page - Tyco Electronics 1987286-5 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
Large Junction Box – Serial Interconnection
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
2
W: 150 mm
H: 25 mm
+
All mentioned versions are standard. Plus-connection see drawing.
Junction Box with Mounted Cable and Connectors
Part Number
Contact
Rails
Diodes
Cable Length
(mm)
Wire Size
(mm2)
Rated Current
(IEC 61215, Edition 2)
(Ampere)
1740300-2
6
5
6.0
1,000
4.0
1987294-2
6
5
8.5
1,000
4.0
1987254-2
6
5
13.0
1,000
4.0
1740077-1
4
3
6.0
1,000
4.0
1740077-3
4
3
8.5
1,000
4.0
on request
4
3
13.0
1,000
4.0
Junction Box with Connector Outlet
Part Number
Contact
Rails
Diodes
Rated Current
(IEC 61215, Edition 2)
(Ampere)
3-1394723-0
6
5
6.0
6-1394723-5
6
5
8.5
6-1394723-6
6
5
13.0
2-1394723-4
4
3
6.0
on request
4
3
8.5
5-1394723-3
4
3
13.0
Standard mounting on the panel with silicone glue (approved types see application specification).
Optional with double-sided adhesive tape (specifications of the adhesive tape can be found in the
datasheets of the manufacturer).
Special Versions
Part Number
Contact
Rails
Diodes
Cable Length
(mm)
Wire Size
(mm2)
Comments
Rated Current
(IEC 61215, Edition 2)
(Ampere)
1981988-1
6
5
8.5
1,000
4.0
1981987-1
6
5
13.0
1,000
4.0
Junction Box with
Extended Wiring Space
Junction Box with
extended wiring space


Similar Part No. - 1987286-5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1987287 PHOENIX-1987287 Datasheet
57Kb / 4P
   PCB terminal block - PT 1.5/ 5-PVH-5.0-BK
More results

Similar Description - 1987286-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com