Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMF3800SN Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PMF3800SN
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMF3800SN Datasheet(HTML) 1 Page - NXP Semiconductors

  PMF3800SN Datasheet HTML 1Page - NXP Semiconductors PMF3800SN Datasheet HTML 2Page - NXP Semiconductors PMF3800SN Datasheet HTML 3Page - NXP Semiconductors PMF3800SN Datasheet HTML 4Page - NXP Semiconductors PMF3800SN Datasheet HTML 5Page - NXP Semiconductors PMF3800SN Datasheet HTML 6Page - NXP Semiconductors PMF3800SN Datasheet HTML 7Page - NXP Semiconductors PMF3800SN Datasheet HTML 8Page - NXP Semiconductors PMF3800SN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PMF3800SN
N-channel TrenchMOS standard level FET
Rev. 03 — 11 November 2009
Product data sheet
1.
Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product is designed and qualified for use in
computing, communications, consumer and industrial applications only.
1.2 Features and benefits
Electrostatically robust due to
integrated protection diodes
Saves PCB space due to small
footprint
Suitable for high frequency
applications due to fast switching
characteristics
Suitable for logic level gate drive
sources
1.3 Applications
High-speed line drivers
Relay drivers
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
-
60
V
ID
drain current
Tsp =25°C; VGS =10V; see
Figure 1 and 3
-
-
260
mA
Ptot
total power
dissipation
Tsp =25°C; see Figure 2
--0.56
W
Dynamic characteristics
QGD
gate-drain charge
VGS =10V; ID =0.5 A;
VDS =48V; Tj =25°C; see
Figure 11
-0.07
-
nC
QG(tot)
total gate charge
-
0.85
-
nC
Static characteristics
RDSon
drain-source
on-state resistance
VGS = 4.5 V; ID =200 mA;
Tj =25°C; see Figure 9 and
10
-3.8
5.3
VGS =10V; ID = 500 mA;
Tj =25°C; see Figure 9 and
10
-2.8
4.5


Similar Part No. - PMF3800SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMF3800SN PHILIPS-PMF3800SN Datasheet
83Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 July 2005
logo
VBsemi Electronics Co.,...
PMF3800SN VBSEMI-PMF3800SN Datasheet
1,013Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Nexperia B.V. All right...
PMF3800SN NEXPERIA-PMF3800SN Datasheet
453Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 03 - 11 November 2009
More results

Similar Description - PMF3800SN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com