Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROV07H820K-S-2 Datasheet(PDF) 8 Page - Tyco Electronics

Part # ROV07H820K-S-2
Description  7mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV07H820K-S-2 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button ROV07H820K-S-2 Datasheet HTML 2Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 3Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 4Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 5Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 6Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 7Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 8Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 9Page - Tyco Electronics ROV07H820K-S-2 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
8 of 10
PACKAGING
356max.
356max.
in mm
65ma
x.
Arbor hole
30 0.1
0.1
343
ma
x.
65m
ax.
Packaging
Bulk (box)
Reel
Ammo
Box size (mm)
290 x 155 x 110
350 x 350 x 108
330 x 240 x 45
Carton size (mm)
310 x 328 x 250
371 x 371 x 590
354 x 515 x 258
One carton with
4 Boxes
5 Boxes (10 reels)
10 Boxes
Part Number
Bulk (box)
Reel
Ammo
ROV07-180M to ROV07-470K
ROV07H180M to ROV07H470K
5000
1500
1500
ROV07-560K to ROV07-680K
ROV07H560K to ROV07H680K
5000
1500
1000
ROV07-820K to ROV07-331K
ROV07H820K to ROV07H331K
5000
1500
1500
ROV07-361K to ROV07-391K
ROV07H361K to ROV07H391K
5000
1500
1000
ROV07-431K to ROV07-471K
ROV07H431K to ROV07H471K
5000
1000
1000
ROV07-511K to ROV07-751K
ROV07H511K to ROV07H751K
4000
1000
1000
ROV07-781K to ROV07-821K
ROV07H781K to ROV07H821K
4000
1000
1000


Similar Part No. - ROV07H820K-S-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07H820K MACOM-ROV07H820K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV07H820K-S-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-471K-S MACOM-ROV07-471K-S Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com