Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM64P02X Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXM64P02X
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P02X Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXM64P02X Datasheet HTML 1Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 2Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 3Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 4Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 5Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 6Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Top View
SUMMARY
V(BR)DSS=-20V; RDS(ON)=0.090
; ID= -3.5A
DESCRIPTION
This new generation of high density MOSFETs from Zetex utilises a unique
structure that combines the benefits of low on-resistance with fast switching
speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• Low profile SOIC package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Disconnect switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZXM64P02XTA
7
12mm embossed
1000 units
ZXM64P02XTC
13
12mm embossed
4000 units
DEVICE MARKING
• ZXM4P02
20V P-CHANNEL ENHANCEMENT MODE MOSFET
MSOP8
ZXM64P02X
S
S
S
G
D
D
D
D
137
PROVISIONAL ISSUE A - JULY 1999


Similar Part No. - ZXM64P02X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
ZXM64P02X ZETEX-ZXM64P02X Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02XTA ZETEX-ZXM64P02XTA Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02XTC ZETEX-ZXM64P02XTC Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X_04 Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM64P02X

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com