Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXM64P02X Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXM64P02X
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM64P02X Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXM64P02X Datasheet HTML 1Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 2Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 3Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 4Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 5Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 6Page - Zetex Semiconductors ZXM64P02X Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TYPICAL CHARACTERISTICS
Basic Gate Charge Waveform
Gate Charge Test Circuit
Switching Time Waveforms
Switching Time Test Circuit
0.1
10
100
0
3
6
-VDS - Drain Source Voltage (V)
Capacitance v Drain-Source Voltage
0
1000
2000
ID=-2.4A
5
2.5
0
Q -Charge (nC)
Gate-Source Voltage v Gate Charge
VDS=-15V
Ciss
Coss
Crss
Vgs=0V
f=1Mhz
1800
800
1600
1400
600
400
1200
200
1
4.5
2
4
3.5
1.5
1
3
0.5
25
14
ZXM64P02X
142
PROVISIONAL ISSUE A - JULY 1999


Similar Part No. - ZXM64P02X

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
287Kb / 28P
   HIGH EFFICIENCY SIMPLESYNC PWM DC-DC CONTROLLERS
ZXM64P02X ZETEX-ZXM64P02X Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02XTA ZETEX-ZXM64P02XTA Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02XTC ZETEX-ZXM64P02XTC Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X_04 Datasheet
178Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXM64P02X

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com