Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1337A-BTDT Datasheet(PDF) 10 Page - ams AG

Part # AS1337A-BTDT
Description  200mA, DC-DC Step-Up Converter with Buck Mode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1337A-BTDT Datasheet(HTML) 10 Page - ams AG

Back Button AS1337A-BTDT Datasheet HTML 6Page - ams AG AS1337A-BTDT Datasheet HTML 7Page - ams AG AS1337A-BTDT Datasheet HTML 8Page - ams AG AS1337A-BTDT Datasheet HTML 9Page - ams AG AS1337A-BTDT Datasheet HTML 10Page - ams AG AS1337A-BTDT Datasheet HTML 11Page - ams AG AS1337A-BTDT Datasheet HTML 12Page - ams AG AS1337A-BTDT Datasheet HTML 13Page - ams AG AS1337A-BTDT Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1337
Revision 1.04
10 - 14
AS1337
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1337 is perfectly suited for LED matrix displays, bar-graph displays, instrument-panel meters, dot matrix dis-
plays, set-top boxes, white goods, professional audio equipment, medical equipment, industrial controllers to name a
few applications.
Along with Figure 1 on page 1, Figure 14 and Figure 15 depict a few of the many applications for which the AS1337
converters are perfectly suited.
Figure 14. Single AA Cell to 3.3V Synchronous Boost Converter
Figure 15. Single Lithium Cell to 5V
VIN = 1.5V
AS1337
COUT
22µF
L1
4.7µH
VOUT = 3.3V
GND
FB
VIN
EN
PGND
POK
VOUT
On
Off
CIN
10µF
R1
560k
Ω
R2
330k
Ω
LX
Lithium-Ionen Cell
AS1337
COUT
22µF
L1
4.7µH
VOUT = 5.0V
GND
FB
VIN
EN
PGND
POK
VOUT
On
Off
CIN
10µF
R1
680k
Ω
R2
220k
Ω
LX


Similar Part No. - AS1337A-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1337A-BTDT AMSCO-AS1337A-BTDT Datasheet
912Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337A-BTDT AMSCO-AS1337A-BTDT Datasheet
811Kb / 16P
   200mA, DC-DC Step-Up Converter with Buck Mode
More results

Similar Description - AS1337A-BTDT

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1337 AMSCO-AS1337_09 Datasheet
811Kb / 16P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1337 AMSCO-AS1337 Datasheet
912Kb / 14P
   200mA, DC-DC Step-Up Converter with Buck Mode
AS1320 AMSCO-AS1320_1 Datasheet
394Kb / 12P
   200mA Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6633 SSC-SS6633 Datasheet
584Kb / 10P
   200mA Step-Up DC/DC Converter
logo
ams AG
AS1320 AMSCO-AS1320 Datasheet
328Kb / 2P
   200mA Step-Up DC-DC Converter
AS1383 AMSCO-AS1383 Datasheet
1Mb / 22P
   200mA, 3.5MHz DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7727SA HOLTEK-HT7727SA Datasheet
3Mb / 17P
   200mA PFM Synchronous Step-up DC/DC Converter
logo
Analog Intergrations Co...
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com