Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97632 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL97632
Description  LED Driver with 1-Wire Dimming
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL97632 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL97632 Datasheet HTML 1Page - Intersil Corporation ISL97632 Datasheet HTML 2Page - Intersil Corporation ISL97632 Datasheet HTML 3Page - Intersil Corporation ISL97632 Datasheet HTML 4Page - Intersil Corporation ISL97632 Datasheet HTML 5Page - Intersil Corporation ISL97632 Datasheet HTML 6Page - Intersil Corporation ISL97632 Datasheet HTML 7Page - Intersil Corporation ISL97632 Datasheet HTML 8Page - Intersil Corporation ISL97632 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN9239.3
March 22, 2010
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
LX Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
FBSW Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 28V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Note 1, 2)
θJA (°C/W) θJC (°C/W)
TDFN Package . . . . . . . . . . . . . . . . . .
70
10.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed over temperature of -40°C to +85°C unless otherwise stated. Typical values are for
information purposes only at TJ = TC = TA
= +25°C.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VIN = VEN = 3V. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified.
Temperature limits established by characterization and are not production tested.
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
VIN
Supply Voltage
2.4
5.5
V
IIN
Supply Current
EN = 3V, enabled, not switching
0.8
1.5
mA
EN = 0V, disabled
1
µA
Fsw
Switching Frequency
1,300
1,450
1,600
kHz
DMAX
Maximum Duty Cycle
90
95
%
ILIM
LX Current
400
470
mA
RSW(LX)
LX Switch ON-Resistance
ILX = 100mA
900
m
Ω
ILEAK
LX Switch Leakage Current
VLX = 28V
1
µA
VFB
Feedback Voltage
Serial interface setting = 15 (center)
90
95
100
mV
Serial interface setting = S (S = 0,1 ..31)
9.8 + 5.68 x S
mV
Serial interface setting = 0
9.8
mV
IFB
FB Pin Bias Current
VFB = 95mV
1
µA
RSW(FBSW)
FBSW Switch ON-Resistance
10
Ω
VDIODE
Schottky Diode Forward
Voltage
IDIODE = 100mA, TA = +25°C
600
850
mV
OVP
Overvoltage Protection
ISL97632IRT14Z
14
V
ISL97632IRT18Z
18
V
ISL97632IRT26Z
26
28
V
VIL
Logic Low Voltage
0.6
V
VIH
Logic High Voltage
1.5
V
tLOGIC1
Timing Range for Logic 1
SDIN = low
15
45
µs
tLOGIC0
Timing Range for Logic 0
SDIN = low
90
120
µs
tLOGIC-LOAD
Timing Range for Load
SDIN = low
215
µs
tLOGIC-HIGH
Minimum Valid SDIN High
Time
SDIN = high
3
µs
ISL97632


Similar Part No. - ISL97632

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632 Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
Intersil Corporation
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-T INTERSIL-ISL97632IRT14Z-T Datasheet
175Kb / 9P
   White LED Driver with Digital Dimming
ISL97632IRT14Z-TK INTERSIL-ISL97632IRT14Z-TK Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
More results

Similar Description - ISL97632

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL97632 RENESAS-ISL97632 Datasheet
508Kb / 10P
   LED Driver with 1-Wire Dimming
logo
ON Semiconductor
LV52207XA ONSEMI-LV52207XA Datasheet
3Mb / 18P
   Dual channel LED Boost Driver with PWM and 1-Wire Dimming
June, 2014
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
   4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
   4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
ON Semiconductor
CAT4101TV-T75 ONSEMI-CAT4101TV-T75 Datasheet
158Kb / 11P
   1 A Constant-Current LED Driver with PWM Dimming
Doc. No. MD-5036, Rev. D
CAT4101 ONSEMI-CAT4101 Datasheet
159Kb / 10P
   1 A Constant-Current LED Driver with PWM Dimming
February, 2010 ??Rev. 4
logo
Linear Technology
LT3492 LINER-LT3492_15 Datasheet
335Kb / 22P
   Triple Output LED Driver with 3000:1 PWM Dimming
LT3492 LINER-LT3492 Datasheet
335Kb / 20P
   Triple Output LED Driver with 3000:1 PWM Dimming
logo
Intersil Corporation
ISL97632 INTERSIL-ISL97632_07 Datasheet
184Kb / 9P
   White LED Driver with Digital Dimming
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com